Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATQ20122SL Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ATQ20122SL
Description  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ20122SL Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ATQ20122SL Datasheet HTML 5Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 6Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 7Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 8Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 9Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 10Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 11Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 12Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
Signal Relays ( 2 A or less ) TQ RELAYS
PC BOARD TERMINAL REFERENCE DATA
1. Max. switching capacity
30
0
100
200
1
0.5
0.4
0.3
0.2
0
Contact voltage, V
AC load(cosφ=1)
AC load(cosφ=1)
DC load(cosφ=1)
DC load(cosφ=1)
2. Switching life curve
00.51
100
10
0
Switching capacity, A
125V AC resistive load
125V AC resistive load
30V DC resistive load
30V DC resistive load
3. Coil temperature rise value
Coil applied voltage, %V
120
110
130
100
0
140 150
70
60
50
40
30
20
10
0
1A
1A
1A
1A
0A
0A
Tested sample:TQ2-12V
Measured portion:Inside the coil
Ambient temperature:30°C
24V DC
24V DC
3∼12V DC
3∼12V DC
4. Ambient temperature characteristics
80
80
Release
voltage
Release
voltage
Operate
voltage
Operate
voltage
20
20
-40
-40 -20
-20
00
40
40 60
60
20
20
10
10
30
30
40
40
-10
-10
-30
-30
-40
-40
-20
-20
Ambient
temperature, °C
Ambient
temperature, °C
Tested sample:TQ2-12V, 5 pcs.
Ave.
Ave.
Ave.
Ave.
5. Mechanical life
100
90
80
70
60
50
40
30
20
10
0
10
0
100
1,000
10,000
Release voltage
Release voltage
Operate voltage
Operate voltage
Max.
Min.
Max.
Min.
No. of operations,×104
Tested sample:TQ2-12V, 10 pcs.
6-1. Electrical life test ( 1 A 30 V DC resistive load )
0
20
10
15
5
20
10
15
5
0
10
30
40
60
80
20
50
70
90
100
0
0
10
30
40
60
80
20
50
70
90
100
ested sample:TQ2-12V, 6 pcs.
Condition:1 A 30 V DC resistive load, 20 cpm
Release voltage
Release voltage
Operate voltage
Operate voltage
Max.
Min.
Max.
Min.
Max.
Min.
No. of operations,×104
No. of operations,×104
Change of operate and release voltage
Change of contact resistance
6-2. Electrical life test ( 0.5 A 125 V AC resistive load )
05
10
0
10
30
40
60
80
20
50
70
90
100
0
10
5
0
10
30
40
60
80
20
50
70
90
100
Tested sample:TQ2-12V, 6 pcs.
Condition:0.5 A 125 V AC resistive load, 20 cpm
Release voltage
Release voltage
Operate voltage
Operate voltage
Max.
Min.
Max.
Min.
Max.
Min.
Change of operate and release voltage
Change of contact resistance
No. of operations,×104
No. of operations,×104
ー 8 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com