Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATQ20122SL Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ATQ20122SL
Description  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ20122SL Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ATQ20122SL Datasheet HTML 6Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 7Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 8Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 9Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 10Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 11Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 12Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 13Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
Signal Relays ( 2 A or less ) TQ RELAYS
6-3. Electrical life test ( 0.1 A 53 V DC resistive load )
0
500
1,000
1,500
2,000
0
10
20
30
40
50
60
70
80
90
100
Max.
Min.
Release voltage
Release voltage
Operate voltage
Operate voltage
Max.
Min.
0
500
1,000
1,500
2,000
0
10
20
30
40
50
60
70
80
90
100
Max.
Min.
Change of operate and release voltage
Change of contact resistance
No. of operations,×104
No. of operations,×104
7. Functional shock ( Single side stable )
Y
Z
X’
Y’
Z’
X
Y’
Y
Z’
X
X’
Z
980
[
m/s2]
Deenergized condition
Energized condition
Tested sample:TQ2-12V, 6 pcs.
8-1. Influence of proximity mounting
05
-10
-20
0
10
20
-10
-20
0
10
20
ON ON
ℓℓ
OFF
ON
OFF OFF
ℓℓ
Operate voltage
Operate voltage
Release voltage
Release voltage
nter-relay distanceℓ, mm
8-2. Influence of proximity mounting
ON
ON
ON
ℓ
ℓ
OFF
OFF
OFF
ℓ
ℓ
05
-10
-20
0
10
20
-10
-20
0
10
20
Operate voltage
Operate voltage
Release voltage
Release voltage
nter-relay distanceℓ, mm
9-1. High frequency characteristics
( Isolation )
10
100
1,000
50
100
0
0
Frequency, MHz
9-2. High frequency characteristics
( Insertion loss )
0.2
0.4
0.6
0.8
1
10
100
1,000
0
0
Frequency, MHz
10. Contact reliability
( 1 mA 5 V DC resistive load )
0.1
0.2
0.5
1
2
5
10
30
50
70
95
99
99.9
1
10
100
Tested sample:TQ2-12V
Condition:Detection level 10
No. of operations,×106
m=2.15
μ
=2.7×107
95% reliability limit =
7.6×106
(
Weibull probability paper)
11. Distribution of M.B.B. time
50
100
100
150
150
200
200
250
250
300
300μs min.
350μs max.
300μs min.
350μs max.
10
50
41
41
35
35
12
12
31
31
27
27
10
10
44
77
11
22
15
15
19
19
21
21
26
26
19
19
30
30
11
11
17
17
44
22
66
0
10
20
30
40
50
60
Tested sample:TQ2-2M-5V, 85 pcs.
50
100
100
150
150
200
200
250
250
300
10
50
0
10
20
30
40
50
60
Terminal No.2-3-4 ON
Terminal No.7-8-9 ON
Ave.:105.6μs
3σn-1:163.8μs
Min.: 23μs
Max.: 243μs
Ave.:115.6μs
3σn-1:167.3μs
Min.: 35μs
Max.: 254μs
Terminal No.2-3-4 ON
Terminal No.7-8-9 ON
Ave.: 71.6μs
3σn-1:127.1μs
Min.: 17μs
Max.: 187μs
Ave.: 80.7μs
3σn-1:156.7μs
Min.: 29μs
Max.: 298μs
ー 9 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com