Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9026 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics L9026 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
6.10
Limp Home mode
L9026 is brought into Limp Home mode when one of the two input pins is asserted (this means the enabling of the
channel connected to it) and also the idle pin is set to "low". SPI communication is possible but in read-only mode
(SPI registers can be read but it is not possible write into them).
Limp Home mode has the following effects:
•
IN0 is mapped as channel 2 input command, IN1 is mapped as channel 3 input command.
•
Overload and overtemperature diagnostics on channel 2 and 3 are available and the related
DIAG_OVC_OVT bits can be read.
During the transition from Limp-Home mode to Sleep, the complete set of L9026 registers is not accessible for
writing until it remains in the Limp Home state and are set to their default values.
The SPI works only in read mode, in this case a special feature is performed for channel 2 and 3 and the
channels can be configured as HS or LS depending on the external load.
Open in ON diagnosis is not performed in Limp Home mode. This is true also if Limp Home mode has been
entered from Active mode and DIAG_OPL_ON_EN.OUTn bits are set to '1'. In this case, the diagnostic cycles will
be performed only when back in ACTIVE mode.
Refer to Table 10. Functions availability in different supply conditions for a detailed description of supply voltage
conditions required to switch ON channels 2 and 3 during Limp Home, the other channels are kept OFF.
6.11
Power supply transition
The time to turn on a channel is defined as tON both in Active and Limp Home mode. In all other cases, the
transition time is reported in Figure 7.
Figure 7. Transition times block diagram
Limp home mode
Sleep Mode
Idle mode
tIDLE2SLEEP
tACTIVE2SLEEP
tSLEEP2IDLE
tIDLE2ACTIVE
tACTIVE2IDLE
tLH2ACTIVE
tACTIVE2LH
tLH2SLEEP
tSLEEP2LH
Active Mode
L9026
Power supply
DS13397 - Rev 9
page 18/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com