Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9026 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 29Page - STMicroelectronics L9026 Datasheet HTML 30Page - STMicroelectronics L9026 Datasheet HTML 31Page - STMicroelectronics L9026 Datasheet HTML 32Page - STMicroelectronics L9026 Datasheet HTML 33Page - STMicroelectronics L9026 Datasheet HTML 34Page - STMicroelectronics L9026 Datasheet HTML 35Page - STMicroelectronics L9026 Datasheet HTML 36Page - STMicroelectronics L9026 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
9
Diagnosis
The diagnosis information about the load status and the device is provided by the SPI, this information related to
each channel is independent, a fault condition detected on one channel, has no effect on the other.
9.1
Overload and overtemperature
The diagnosis bit DIAG_OVC_OVT is set when both overload and overtemperature happens. In order to
reactivate the channels DIAG_OVC_OVT_RLW bit must be set to "1." The writing operation is necessary to
remove the fault as a consequence of the fact that DIAG_OVC_OVT register is clear on write.
9.2
OFF diagnosis
This diagnosis is available only in Active mode.
The device is able to detect two kind of faults in OFF, open load and short (to battery in HS configuration or to
ground in LS configuration).
This diagnosis is available upon SPI request; Once the diagnosis has been started on one or more channels, a
new eventual diagnosis request is ignored until the ongoing cycle is finished.
The diagnosis strategy is implemented over two different phases:
First the IC distinguishes between faulty and no faulty condition.
In case of trouble found in the previous step, a specific procedure is put in place to detect the nature of the
fault.
The diagnosis is slightly different depending on a LS or HS configured output.
The strategy in LS configuration is reported below and referred to Figure 15; the HS case is quite similar, except
for the order in which pull-up and pull-down current generators are activated and for the pin involved (SOURCEn
for a HS configured channel, DRAINn for a LS).
This first phase lasts for tOFF1LS.
The current generator marked with ‘pldw’ (driven by dw_on) is active while the current generator marked as
‘plup’ is off..
In this condition, if the drain voltage remains above the threshold VDS(OL), the comparator output is low
which means that a load is present.
If the drain voltage decreases below the threshold, instead, the comparator flags the presence of a fault.
This second phase lasts for tOFF2LS.
After the first diagnosis step the output of the comparator is set to ‘1’ if a faulty condition has been found.
The current generator marked with ‘plup’ (driven by the signal up_on) is activated while ‘pldw’ is off.
In case, after the pull-up activation, the drain voltage rises and overcomes the comparator threshold again,
an Open Load fault is reported.
If the voltage remains constant and equal to zero for the whole diagnosis time, instead, a Short to ground
fault is recognized.
L9026
Diagnosis
DS13397 - Rev 9
page 33/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com