Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9026 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 38Page - STMicroelectronics L9026 Datasheet HTML 39Page - STMicroelectronics L9026 Datasheet HTML 40Page - STMicroelectronics L9026 Datasheet HTML 41Page - STMicroelectronics L9026 Datasheet HTML 42Page - STMicroelectronics L9026 Datasheet HTML 43Page - STMicroelectronics L9026 Datasheet HTML 44Page - STMicroelectronics L9026 Datasheet HTML 45Page - STMicroelectronics L9026 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
11.5
SPI frame structure
11.5.1
MOSI frame structure
Each MOSI frame has 16 bits with the following structure:
1 command bit R/W, ‘1’ for write, ‘0’ for read
5 ADDRESS bits
8 DATA bits
1 PARITY bit, odd parity, calculated on bit [2:15]
1 FR_CNT frame counter bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
11.5.2
MISO frame structure
Each MISO frame has 16 bits with the following structure:
1 ERR error bit, ‘1’ if an error happened in the previous transmission, ‘0’ otherwise
5 ADDRESS bits
8 DATA bits
1 PARITY bit, odd parity, calculated on bit [2:15]
1 FR_CNT frame counter bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
11.6
SPI register
11.6.1
Register structure
CHIP_ID
Register name:
CHIP_ID
Address:
Global Base Address + 0x00
Description:
Chip ID register
Field name
Type
Bit Offset
Bit Width
Reset Value
Reset Sources
Description
CHIP_ID
RO
0
8
AA Bit 0->7 00100010
BA Bit 0->7 00101010
BB Bit 0->7 01010101
X
8 bit chip identifier
CFG_0
Register name:
CFG_0
Address:
Global Base Address + 0x01
Description:
Configuration 0
L9026
SPI
DS13397 - Rev 9
page 42/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com