Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9907 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 8Page - STMicroelectronics L9907 Datasheet HTML 9Page - STMicroelectronics L9907 Datasheet HTML 10Page - STMicroelectronics L9907 Datasheet HTML 11Page - STMicroelectronics L9907 Datasheet HTML 12Page - STMicroelectronics L9907 Datasheet HTML 13Page - STMicroelectronics L9907 Datasheet HTML 14Page - STMicroelectronics L9907 Datasheet HTML 15Page - STMicroelectronics L9907 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Functional description
L9907
12/49
DS11800 Rev 5
In case Boost converter is disabled, but voltage at BST_C pin is present, Current Sense
Amplifiers are active but with degraded performances at least in common mode dynamic
range. In order to improve EMC behaviour an external RC series snubber can be added
between BST_L and BGND pins. RC~1/(6.28*fSW_BST).
2.4.1
BstDis (boost disable) function
In case noise-free CSA measuring is needed, a special functionality that temporarily
disables Boost regulator is implemented, with the purpose to reduce PCB coupling between
CSA output and boost PCB metal stripes that can act as antennas. Once BST_DIS pin is
asserted, boost regulator is disabled starting from the next complete boost cycle (maximum
delay T_BOOST_OFF_FILT).
Boost is re-enabled in two ways:
internal timer expired (T_BOOST_OFF_MAX time is reached)
BstDis pin deasserted
In both cases boost starts working again from the beginning of the next complete boost
cycle.
T_BOOST_OFF_MAX = 6*TBOOST = 96*TCK
T_BOOST_OFF_FILT = 3*TCK min, 21*TCK max
Figure 4. Case of T_BOOST_OFF < T_BOOST_OFF_MAX
Figure 5. Case of T_BOOST_OFF > T_BOOST_OFF_MAX
Internal boost control
signal generated by
logic and internal oscillator
21*TCK MAX =
5*TCK filter +
1BOOST period
BOOST DIS PIN
BOOST CLK MASK
BOOST CLK
GAPGPS00836
Internal sync signal
T_BOOST_OFF_MAX =
96*TCK = 6 BOOST periods
BOOST DIS PIN
BOOST CLK MASK
BOOST CLK
GAPGPS00837



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com