Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9907 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 34Page - STMicroelectronics L9907 Datasheet HTML 35Page - STMicroelectronics L9907 Datasheet HTML 36Page - STMicroelectronics L9907 Datasheet HTML 37Page - STMicroelectronics L9907 Datasheet HTML 38Page - STMicroelectronics L9907 Datasheet HTML 39Page - STMicroelectronics L9907 Datasheet HTML 40Page - STMicroelectronics L9907 Datasheet HTML 41Page - STMicroelectronics L9907 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
SPI operation
L9907
38/49
DS11800 Rev 5
Effects described in the following sections take into account that the corresponding Fault
Enable bit is set to '1'.
a)
TH_SD (B12). Thermal shutdown.
Once Thermal shutdown threshold temperature is reached, all the FET drivers are
disabled and a cumulative fault information is available at FS_FLAG pin and
through SPI reading cycle, together with FET status (enable/disable). After cooling
down the FET drivers are automatically re-enabled once the temperature
becomes lower than (Tot -Thys: see Table 11) and the information about FET status
(enable/disable) is available at SDO pin through an SPI reading cycle. After
cooling down the SPI diagnostic bit remains set, and the pin FS_FLAG remains
asserted low. A SPI diagnostic read cycle clears the THSD bit and deactivates
high the FS_FLAG pin.
The filter time applied to this fault works on both edges of the input signal.
b)
VB_OV (B11) and VB_UV (B10). VB over-voltage and under-voltage
When the device is active and an under or over-voltage condition on VB line is
present for a time longer than Td_VB, the fault is detected and internally latched.
Upon detection of under or over-voltage of VB, the FET drivers and the BOOST
regulator are disabled, the proper SPI bit is set and the FS_FLAG is asserted low.
After removal of the fault condition (VB returns inside its normal range), the
BOOST is automatically re-enabled, the FET drivers instead are restarted by
cycling EN signal (internal AND of EN1 and EN2 pins) from high to low to high. A
SPI diagnostic read cycle clears the SPI diagnostic flag releases the FS_FLAG pin
to high.
The filter time applied to this fault works on both edges of the input signal.
c)
Vcc_OV (B9) and Vcc_UV (B8). VCC over-voltage and under-voltage
When an over-voltage condition appears on the VCC line for a time longer than
Td_Vcc, the fault is detected and internally latched, the device is then disabled.
In case of detected under or over-voltage of VCC, the FET drivers and the BOOST
regulator are disabled, the proper SPI bit is set and the FS_FLAG is asserted low.
After removal of the fault condition (Vcc returns inside its normal range), the
BOOST is automatically re-enabled, the FET drivers are restarted by cycling EN
signal (internal AND of EN1 and EN2 pins) from high to low to high. A SPI
diagnostic read cycle clears the SPI diagnostic flag and releases the FS_FLAG
pin to high.
The filter time applied to this fault works on both edges of the input signal.
d)
UV_HS (B7). High-side FET drivers supply under-voltage
The voltage difference between boost output pin and high-side Drain connection is
monitored and, if it falls down below VG_UV_HS threshold for a time longer than
tUV_UG, a high-side under-voltage fault is detected and internally latched. All the
FET drivers are disabled and fault information is available at FS_FLAG pin and at
SDO pin through an SPI reading cycle.
The fault flag for the high-side FET drivers supply under-voltage is related to a
BOOST regulator under - voltage.
In case of detected fault, the FET drivers are disabled, the proper SPI bit is set
and the FS_FLAG is asserted low. After removal of the fault condition, the FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com