Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9907 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 12Page - STMicroelectronics L9907 Datasheet HTML 13Page - STMicroelectronics L9907 Datasheet HTML 14Page - STMicroelectronics L9907 Datasheet HTML 15Page - STMicroelectronics L9907 Datasheet HTML 16Page - STMicroelectronics L9907 Datasheet HTML 17Page - STMicroelectronics L9907 Datasheet HTML 18Page - STMicroelectronics L9907 Datasheet HTML 19Page - STMicroelectronics L9907 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Functional description
L9907
16/49
DS11800 Rev 5
2.9
Device and FET fault handling
All internal fault events are filtered to achieve noise immunity. After filter-time they are
latched in the corresponding SPI register and the FS_FLAG (active low) becomes low. In
case the related driver-disable-bit (EN_x) is set, additionally the gate driver will be disabled
and actively discharged (see: Fault Effect enabling; Table 35 and 32). In case EN_x is
disabled the µC takes fully response to react on any errors immediately indicated by the
FS_FLAG. Neither the boost nor the FET drivers will be disabled on deselected faults.
Table 6. Device and FET fault handling
Fault
Diagnosis
Device action when
EN_x enabled
Exit from fault condition
Overtemperature
FS_FLAG = low;
THSD SPI bit set
FET driver functionality
disabled
– Remove fault => auto recovery
– SPI read clears the Fault Flags and
sets FS_FLAG to high
VB or VCC over- or
undervoltage
FS_FLAG = low;
VBOV or VBUV or
VCCOV or VCCUV SPI
bit set
FET driver functionality
and Boost disabled
– Remove fault => auto recovery of
Boost
– EN cycling toggle reactivates the FET
driver
– SPI read clears the Fault Flags and
sets FS_FLAG to high
Boost HS or LS
undervoltage
FS_FLAG = low;
UV_HS or UV_LS SPI
bit set
FET driver functionality
disabled
– Remove fault
– EN cycling toggle reactivates the FET
driver
– SPI read clears the Fault Flags and
sets FS_FLAG to high
VSC_HSx
overcurrent
FS_FLAG = low;
VSC_HSx SPI bit set
FET driver functionality
disabled
– Remove fault
– EN cycling toggle reactivates the FET
driver
– SPI read clears the Fault Flags and
sets FS_FLAG to high
VSC_LSx
overcurrent
FS_FLAG = low;
VSC_LSx SPI bit set
FET driver functionality
disabled
– Remove fault
– EN cycling toggle reactivates the FET
driver
– SPI read clears the Fault Flags and
sets FS_FLAG to high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com