Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPA340 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 17Page - Texas Instruments OPA340 Datasheet HTML 18Page - Texas Instruments OPA340 Datasheet HTML 19Page - Texas Instruments OPA340 Datasheet HTML 20Page - Texas Instruments OPA340 Datasheet HTML 21Page - Texas Instruments OPA340 Datasheet HTML 22Page - Texas Instruments OPA340 Datasheet HTML 23Page - Texas Instruments OPA340 Datasheet HTML 24Page - Texas Instruments OPA340 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21
OPA340, OPA2340, OPA4340
www.ti.com
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Development Support
11.1.1.1 TINA-TI™ (Free Software Download)
TINA™ is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI™ is
a free, fully-functional version of the TINA software, preloaded with a library of macro models in addition to a
range of both passive and active models. TINA-TI provides all the conventional DC, transient, and frequency
domain analysis of SPICE, as well as additional design capabilities.
Available as a free download from the Analog eLab Design Center, TINA-TI offers extensive post-processing
capability that allows users to format results in a variety of ways. Virtual instruments offer the ability to select
input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic quick-start tool.
NOTE
These files require that either the TINA software (from DesignSoft™) or TINA-TI software
be installed. Download the free TINA-TI software from the TINA-TI folder.
11.1.1.2 DIP Adapter EVM
The DIP Adapter EVM tool provides an easy, low-cost way to prototype small surface mount ICs. The evaluation
tool these TI packages: D or U (SOIC-8), PW (TSSOP-8), DGK (MSOP-8), DBV (SOT23-6, SOT23-5 and
SOT23-3), DCK (SC70-6 and SC70-5), and DRL (SOT563-6). The DIP Adapter EVM may also be used with
terminal strips or may be wired directly to existing circuits.
11.1.1.3 Universal Operational Amplifier EVM
The Universal Op Amp EVM is a series of general-purpose, blank circuit boards that simplify prototyping circuits
for a variety of IC package types. The evaluation module board design allows many different circuits to be
constructed easily and quickly. Five models are offered, with each model intended for a specific package type.
PDIP, SOIC, MSOP, TSSOP and SOT23 packages are all supported.
NOTE
These boards are unpopulated, so users must provide their own ICs. TI recommends
requesting several operational amplifier device samples when ordering the Universal Op
Amp EVM.
11.1.1.4 TI Precision Designs
TI Precision Designs are analog solutions created by TI’s precision analog applications experts and offer the
theory of operation, component selection, simulation, complete PCB schematic and layout, bill of materials, and
measured
performance
of
many
useful
circuits.
TI
Precision
Designs
are
available
online
at
http://www.ti.com/ww/en/analog/precision-designs/.
11.1.1.5 WEBENCH® Filter Designer
WEBENCH® Filter Designer is a simple, powerful, and easy-to-use active filter design program. The WEBENCH
Filter Designer lets you create optimized filter designs using a selection of TI operational amplifiers and passive
components from TI's vendor partners.
Available as a web-based tool from the WEBENCH® Design Center, WEBENCH® Filter Designer allows you to
design, optimize, and simulate complete multistage active filter solutions within minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com