Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPA340 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 9Page - Texas Instruments OPA340 Datasheet HTML 10Page - Texas Instruments OPA340 Datasheet HTML 11Page - Texas Instruments OPA340 Datasheet HTML 12Page - Texas Instruments OPA340 Datasheet HTML 13Page - Texas Instruments OPA340 Datasheet HTML 14Page - Texas Instruments OPA340 Datasheet HTML 15Page - Texas Instruments OPA340 Datasheet HTML 16Page - Texas Instruments OPA340 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
5kW
OPAx340
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
Copyright © 2016, Texas Instruments Incorporated
13
OPA340, OPA2340, OPA4340
www.ti.com
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Operating Voltage
The OPA340 series operational amplifiers are fully specified from 2.7 V to 5 V. However, supply voltage may
range from 2.5 V to 5.5 V. Parameters are ensured over the specified supply range—a unique feature of the
OPA340 series. In addition, many specifications apply from –40°C to 85°C. Most behavior remains virtually
unchanged throughout the full operating voltage range. Parameters which vary significantly with operating
voltages or temperature are shown in the Typical Characteristics.
7.3.2 Rail-to-Rail Input
The input common-mode voltage range of the OPA340 series extends 500 mV beyond the supply rails. This
extended range is achieved with a complementary input stage—an N-channel input differential pair in parallel
with a P-channel differential pair. The N-channel pair is active for input voltages close to the positive rail, typically
(V+) – 1.3 V to 500 mV above the positive supply, while the P-channel pair is on for inputs from 500 mV below
the negative supply to approximately (V+) – 1.3 V. There is a small transition region, typically (V+) – 1.5 V to
(V+) – 1.1 V, in which both pairs are on. This 400-mV transition region can vary ±300 mV with process variation.
Thus, the transition region (both stages on) can range from (V+) – 1.8 V to (V+) – 1.4 V on the low end, up to
(V+) – 1.2 V to (V+) – 0.8 V on the high end.
OPA340 series operational amplifiers are laser-trimmed to the reduce offset voltage difference between the N-
channel and P-channel input stages, resulting in improved common-mode rejection and a smooth transition
between the N-channel pair and the P-channel pair. However, within the 400-mV transition region PSRR, CMRR,
offset voltage, offset drift, and THD may be degraded compared to operation outside this region.
A double-folded cascode adds the signal from the two input pairs and presents a differential signal to the class
AB output stage. Normally, input bias current is approximately 200 fA; however, input voltages exceeding the
power supplies by more than 500 mV can cause excessive current to flow in or out of the input pins. Momentary
voltages greater than 500 mV beyond the power supply can be tolerated if the current on the input pins is limited
to 10 mA. This current limiting is easily accomplished with an input resistor, as shown in Figure 24. Many input
signals are inherently current-limited to less than 10 mA; therefore, a limiting resistor is not required.
Figure 24. Input Current Protection for Voltages Exceeding the Supply Voltage
7.3.3 Rail-to-Rail Output
A class AB output stage with common-source transistors is used to achieve rail-to-rail output. For light resistive
loads (> 50 k
Ω), the output voltage is typically a few millivolts from the supply rails. With moderate resistive loads
(2 k
Ω to 50 kΩ), the output can swing to within a few tens of millivolts from the supply rails and maintain high
open-loop gain (see Figure 15).
7.3.4 Capacitive Load and Stability
OPA340 series operational amplifiers can drive a wide range of capacitive loads. However, all operational
amplifiers under certain conditions can become unstable. operational amplifier configuration, gain, and load value
are some of the factors to consider when determining stability. An operational amplifier in unity-gain configuration
is most susceptible to the effects of capacitive load. The capacitive load reacts with the output resistance of the
operational amplifier, along with any additional load resistance, to create a pole in the small-signal response that
degrades the phase margin. In unity-gain configuration, the OPA340 series operational amplifiers perform well,
with a pure capacitive load up to approximately 1000 pF. Increasing gain enhances the amplifier ability to drive
more capacitance (see Figure 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com