Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPA340 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 8Page - Texas Instruments OPA340 Datasheet HTML 9Page - Texas Instruments OPA340 Datasheet HTML 10Page - Texas Instruments OPA340 Datasheet HTML 11Page - Texas Instruments OPA340 Datasheet HTML 12Page - Texas Instruments OPA340 Datasheet HTML 13Page - Texas Instruments OPA340 Datasheet HTML 14Page - Texas Instruments OPA340 Datasheet HTML 15Page - Texas Instruments OPA340 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
V
BIAS1
V
BIAS2
V +
IN
V -
IN
Class AB
Control
Circuitry
V
O
V-
(Ground)
V+
Reference
Current
Copyright © 2016, Texas Instruments Incorporated
V = +5, G = +1, R = 10kW
S
L
5
5
0
V
IN
V
OUT
12
OPA340, OPA2340, OPA4340
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPA340 series operational amplifiers are fabricated on a state-of-the-art, 0.6-micron CMOS process. These
devices are unity-gain stable and suitable for a wide range of general-purpose applications. Rail-to-rail input and
output make them ideal for driving sampling A/D converters. In addition, excellent AC performance makes them
well-suited for audio applications. The class AB output stage is capable of driving 600-
Ω loads series and
extends 500 mV beyond the supply. Rail-to-rail input and output swing significantly increases dynamic range,
especially in low-supply applications. Figure 23 shows the input and output waveforms for the OPA340 in unity-
gain configuration. Operation is from a single 5-V supply with a 10-k
Ω load connected to V/2. The input is a 5-
VPP sinusoid. Output voltage is approximately 4.98 VPP. Power-supply pins must be bypassed with 0.01-µF
ceramic capacitors.
Figure 23. Rail-to-Rail Input and Output
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com