Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS360 Datasheet(PDF) 22 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 22 Page - Microchip Technology

Back Button HCS360_01 Datasheet HTML 18Page - Microchip Technology HCS360_01 Datasheet HTML 19Page - Microchip Technology HCS360_01 Datasheet HTML 20Page - Microchip Technology HCS360_01 Datasheet HTML 21Page - Microchip Technology HCS360_01 Datasheet HTML 22Page - Microchip Technology HCS360_01 Datasheet HTML 23Page - Microchip Technology HCS360_01 Datasheet HTML 24Page - Microchip Technology HCS360_01 Datasheet HTML 25Page - Microchip Technology HCS360_01 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
HCS360
DS40152D-page 22
 2001 Microchip Technology Inc.
TABLE 8-5:
CODE WORD TRANSMISSION TIMING PARAMETERS—MANCHESTER MODE
VDD = +2.0V to 6.6V
Commercial (C):Tamb = 0
°C to +70°C
Industrial (I):Tamb = -40
°C to +85°C
Code Words Transmitted
FAST1 = 0,
FAST0 = 0
FAST1 = 0,
FAST0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of Te
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
520
800
1240
1
260
400
620
µs
TP
Preamble duration
32
16.6
25.6
39.7
32
8.3
12.8
19.8
ms
TH
Header duration
4
2.1
3.2
5.0
4
1.0
1.6
2.5
ms
TSTART
Start bit
2
1.0
1.6
2.5
2
0.5
0.8
1.2
ms
THOP
Hopping code duration
64
33.3
51.2
79.4
64
16.6
25.6
39.7
ms
TFIX
Fixed code duration
70
36.4
56.0
86.8
70
18.2
28.0
43.4
ms
TSTOP
Stop bit
2
1.0
1.6
2.5
2
0.5
0.8
1.2
ms
TG
Guard Time (LNGRD = 0)
8
4.2
6.4
9.9
16
4.2
6.4
9.9
ms
Total transmit time
182
94.6
145.6
223.7
190
49.4
76.0
117.8
ms
Manchester data rate
1923
1250
806
3846.2
2500
1612.9
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.6V
Commercial (C):Tamb = 0
°C to +70°C
Industrial (I):Tamb = -40
°C to +85°C
Code Words Transmitted
FAST1 = 1,
FAST0 = 0
FAST1 = 1.
FAST0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of Te
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
260
400
620
1
130
200
310
µs
TP
Preamble duration
32
8.3
12.8
19.8
32
4.2
6.4
9.9
ms
TH
Header duration
4
1.0
1.6
2.5
4
0.5
0.8
1.2
ms
TSTART
Start bit
2
0.5
0.8
1.2
2
0.3
0.4
0.6
ms
THOP
Hopping code duration
64
16.6
25.6
39.7
64
8.3
12.8
19.8
ms
TFIX
Fixed code duration
70
18.2
28.0
43.4
70
9.1
14.0
21.7
ms
TSTOP
Stop bit
2
0.5
0.8
1.2
2
0.3
0.4
0.6
ms
TG
Guard Time (LNGRD = 0)
16
4.2
6.4
9.9
32
4.2
6.4
9.9
ms
Total transmit time
190
49.4
76.0
117.8
206
26.8
41.2
63.4
ms
Manchester data rate
3846.2 2500.0 1612.9
7692.3 5000.0 3225.8
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com