Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS360 Datasheet(PDF) 18 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCS360_01 Datasheet HTML 14Page - Microchip Technology HCS360_01 Datasheet HTML 15Page - Microchip Technology HCS360_01 Datasheet HTML 16Page - Microchip Technology HCS360_01 Datasheet HTML 17Page - Microchip Technology HCS360_01 Datasheet HTML 18Page - Microchip Technology HCS360_01 Datasheet HTML 19Page - Microchip Technology HCS360_01 Datasheet HTML 20Page - Microchip Technology HCS360_01 Datasheet HTML 21Page - Microchip Technology HCS360_01 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
HCS360
DS40152D-page 18
 2001 Microchip Technology Inc.
8.0
ELECTRICAL CHARACTERISTICS
TABLE 8-1:
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Units
VDD
Supply voltage
-0.3 to 6.9
V
VIN
Input voltage
-0.3 to VDD + 0.3
V
VOUT
Output voltage
-0.3 to VDD + 0.3
V
IOUT
Max output current
25
mA
TSTG
Storage temperature
-55 to +125
°C (Note)
TLSOL
Lead soldering temp
300
°C (Note)
VESD
ESD rating
4000
V
Note:
Stresses above those listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to the
device.
TABLE 8-2:
DC CHARACTERISTICS
Commercial
(C):
Tamb = 0
°C to +70°C
Industrial
(I):
Tamb = -40
°C to +85°C
2.0V < VDD < 3.3
3.0 < VDD < 6.6
Parameter
Sym.
Min
Typ1
Max
Min
Typ1
Max
Unit
Conditions
Operating current (avg)
ICC
0.3
1.2
0.7
1.6
mA
VDD = 3.3V
VDD = 6.6V
Standby current
ICCS
0.1
1.0
0.1
1.0
µA
Auto-shutoff current2,3
ICCS
40
75
160
350
µA
High level Input voltage
VIH
0.55VDD
VDD+0.3 0.55VDD
VDD+0.3
V
Low level input voltage
VIL
-0.3
0.15VDD
-0.3
0.15VDD
V
High level output voltage
VOH
0.7VDD
0.7VDD
VIOH = -1.0mA, VDD = 2.0V
IOH = -2.0mA, VDD = 6.6V
Low level output voltage
VOL
0.08VDD
0.08VDD
VIOL = 1.0mA, VDD = 2.0V
IOL = 2.0mA, VDD = 6.6V
LED sink current
ILED
0.15
1.0
4.0
0.15
1.0
4.0
mA
VLED4 = 1.5V, VDD = 6.6V
Resistance; S0-S3
RS0-3
40
6080
40
6080
k
VDD=4.0V
Resistance; PWM
RPWM
80
120
160
80
120
160
k
VDD=4.0V
Note 1: Typical values are at 25
°C.
2: Auto-shutoff current specification does not include the current through the input pulldown resistors.
3: Auto-shutoff current is periodically sampled and not 100% tested.
4: VLED is the voltage between the VDD pin and the LED pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com