Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS360 Datasheet(PDF) 16 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCS360_01 Datasheet HTML 12Page - Microchip Technology HCS360_01 Datasheet HTML 13Page - Microchip Technology HCS360_01 Datasheet HTML 14Page - Microchip Technology HCS360_01 Datasheet HTML 15Page - Microchip Technology HCS360_01 Datasheet HTML 16Page - Microchip Technology HCS360_01 Datasheet HTML 17Page - Microchip Technology HCS360_01 Datasheet HTML 18Page - Microchip Technology HCS360_01 Datasheet HTML 19Page - Microchip Technology HCS360_01 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
HCS360
DS40152D-page 16
 2001 Microchip Technology Inc.
TABLE 6-1:
PROGRAMMING/VERIFY TIMING REQUIREMENTS
7.0
INTEGRATING THE HCS360
INTO A SYSTEM
Use of the HCS360 in a system requires a compatible
decoder. This decoder is typically a microcontroller with
compatible firmware. Firmware routines that accept
transmissions from the HCS360 and decrypt the
hopping code portion of the data stream are available.
These routines provide system designers the means to
develop their own decoding system.
7.1
Learning a Transmitter to a Receiver
In order for a transmitter to be used with a decoder, the
transmitter must first be ‘learned’. Several learning
strategies can be followed in the decoder implementa-
tion. When a transmitter is learned to a decoder, it is
suggested that the decoder stores the serial number
and current synchronization value in EEPROM. The
decoder must keep track of these values for every
transmitter that is learned (Figure 7-1). The maximum
number of transmitters that can be learned is only a
function of how much EEPROM memory storage is
available. The decoder must also store the manufac-
turer’s code in order to learn a transmission transmitter,
although this value will not change in a typical system
so it is usually stored as part of the microcontroller
ROM code. Storing the manufacturer’s code as part of
the ROM code is also better for security reasons.
It must be stated that some learning strategies have
been patented and care must be taken not to infringe.
FIGURE 7-1:
TYPICAL LEARN SEQUENCE
VDD = 5.0V
± 10%
25
° C ± 5 °C
Parameter
Symbol
Min.
Max.
Units
Program mode setup time
T2
04.0
ms
Hold time 1
T1
9.0
ms
Program cycle time
TWC
30
ms
Clock low time
TCLKL
25
µs
Clock high time
TCLKH
25
µs
Data setup time
TDS
0
µs
Data hold time
TDH
18
µs
Data out valid time
TDV
24
µs
Enter Learn
Mode
Wait for Reception
of a Valid Code
Generate Key
from Serial Number
Use Generated Key
to Decrypt
Compare Discrimination
Value with Fixed Value
Equal
Wait for Reception
of Second Valid Code
Compare Discrimination
Value with Fixed Value
Use Generated Key
to Decrypt
Equal
Counters
Encryption key
Serial number
Synchronization counter
Sequential
?
?
?
Exit
Learn successful Store:
Learn
Unsuccessful
No
No
No
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com