Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX809 Datasheet(PDF) 4 Page - Estek Electronics Co. Ltd

Part # MAX809
Description  3-PIN MICROPROCESSOR RESET MONITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

MAX809 Datasheet(HTML) 4 Page - Estek Electronics Co. Ltd

  MAX809 Datasheet HTML 1Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 2Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 3Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 4Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 5Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 6Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAX809, MAX810
4
APPLICATIONS INFORMATION
VCC Transient Rejection
The MAX809/810 provides accurate VCC monitoring and
reset
timing
during
power–up,
power–down,
and
brownout/sag conditions, and rejects negative–going
transients (glitches) on the power supply line. Figure 1
shows the maximum transient duration vs. maximum
negative excursion (overdrive) for glitch rejection. Any
combination of duration and overdrive which lies under the
curve will not generate a reset signal. Combinations above
the curve are detected as a brownout or power–down.
Transient immunity can be improved by adding a capacitor
in close proximity to the VCC pin of the MAX809/810.
Figure 1. Maximum Transient Duration vs. Overdrive
for Glitch Rejection at 25
° C
Duration
VTH
Overdrive
VCC
TA = +25° C
MAX8xxL/M/J
1
10
100
1000
0
90
160
240
320
400
RESET COMPARATOR OVERDRIVE,
(VTH – VCC (mV)
MAX8xxR/S/T
RESET Signal Integrity During Power–Down
The MAX809 RESET output is valid to VCC = 1.0V.
Below this voltage the output becomes an ”open circuit” and
does not sink current. This means CMOS logic inputs to the
µP will be floating at an undetermined voltage. Most digital
systems are completely shutdown well above this voltage.
However, in situations where RESET must be maintained
valid to VCC = 0V, a pull–down resistor must be connected
from RESET to ground to discharge stray capacitances and
hold the output low (Figure 2). This resistor value, though
not critical, should be chosen such that it does not
appreciably load RESET under normal operation (100k
W
will be suitable for most applications). Similarly, a pull–up
resistor to VCC is required for the MAX810 to ensure a valid
high RESET for VCC below 1.0V.
VCC
VCC
RESET
R1
100 k
MAX809
GND
Figure 2. Ensuring RESET Valid to VCC = 0 V
Processors With Bidirectional I/O Pins
Some
µP’s (such as Motorola 68HC11) have
bi–directional reset pins. Depending on the current drive
capability of the processor pin, an indeterminate logic level
may result if there is a logic conflict. This can be avoided
by adding a 4.7k
W resistor in series with the output of the
MAX809/810 (Figure 3). If there are other components in
the system which require a reset signal, they should be
buffered so as not to load the reset line.
If the other
components are required to follow the reset I/O of the
µP, the
buffer should be connected as shown with the solid line.
VCC
VCC
mP
RESET
MAX809
GND
GND
47 k
Figure 3. Interfacing to Bidirectional Reset I/O
RESET
VCC
BUFFERED RESET
TO OTHER SYSTEM
COMPONENTS
BUFFER
MAX809, MAX810



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com