Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX809 Datasheet(PDF) 6 Page - Estek Electronics Co. Ltd

Part # MAX809
Description  3-PIN MICROPROCESSOR RESET MONITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

MAX809 Datasheet(HTML) 6 Page - Estek Electronics Co. Ltd

  MAX809 Datasheet HTML 1Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 2Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 3Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 4Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 5Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 6Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MAX809, MAX810
6
TAPING FORM
PIN 1
USER DIRECTION OF FEED
Component Taping Orientation for 3L SOT–23 (JEDEC–236) Devices
Standard Reel Component Orientation
(Mark Right Side Up)
DEVICE
MARKING
SOT–23
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8 mm
4 mm
3000
7 inches
Tape & Reel Specifications Table
MARKING DIAGRAM
SOT–23
xx
Y
W
YW = Date Code
MARKING
ON Semiconductor Part #
Reset Threshold or Address
Marking
MAX809L
4.63
J1YW
MAX809M
4.38
J2YW
MAX809T
3.08
J3YW
MAX809S
2.93
J4YW
MAX809R
2.63
J5YW
MAX809J
4.00
J6YW
MAX810L
4.63
K1YW
MAX810M
4.38
K2YW
MAX810T
3.08
K3YW
MAX810S
2.93
K4YW
MAX810R
2.63
K5YW
YW = Date code
MAX809, MAX810



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com