Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX809 Datasheet(PDF) 5 Page - Estek Electronics Co. Ltd

Part # MAX809
Description  3-PIN MICROPROCESSOR RESET MONITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

MAX809 Datasheet(HTML) 5 Page - Estek Electronics Co. Ltd

  MAX809 Datasheet HTML 1Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 2Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 3Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 4Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 5Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 6Page - Estek Electronics Co. Ltd MAX809 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MAX809, MAX810
5
TYPICAL CHARACTERISTICS
VCC = 5 V
VCC = 3 V
VCC = 1 V
TEMPERATURE (C
°)
–40
–20
0
20
40
60
85
0
5
10
15
20
25
30
35
Figure 4. Supply Current vs Temperature
(No Load, MAX8xxR/S/T)
VCC = 5 V
VCC = 3 V
VCC = 1 V
–40
–20
0
20
40
60
85
0
5
10
15
20
30
TEMPERATURE (C
°)
Figure 5. Supply Current vs Temperature
(No Load, MAX8xxL/M/J/)
VOD = VTH – VCC
VOD = 10 mV
VOD = 10 mV
TEMPERATURE (C
°)
–40
–20
0
20
40
60
85
0
40
20
60
80
100
Figure 6. Power–Down Reset Delay vs
Temperature and Overdrive (MAX8xxR/S/T)
VOD = 100 mV
VOD = 200 mV
VOD = VTH – VCC
VOD = 20 mV
TEMPERATURE (C
°)
–40
–20
0
20
40
60
85
0
40
20
60
80
140
Figure 7. Power–Down Reset Delay vs
Temperature and Overdrive (MAX8xxL/M/J)
VOD = 100 mV
VOD = 200 mV
100
120
VOD = 10 mV
TEMPERATURE (C
°)
–40
–20
0
20
40
85
0.997
0.998
0.999
1.003
1.001
1.002
Figure 8. Power–Up Reset Timeout vs
Temperature
TEMPERATURE (C
°)
–40
–20
0
20
40
60
85
225
235
230
240
245
250
MAX8xxL/M/J
MAX8xxR/S/T
60
25
Figure 9. Normalized Reset Threshold vs
Temperature
1.000
MAX809, MAX810



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com