Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Data Sheet
ADMV8809
REGISTER SUMMARY
analog.com
Rev. 0 | 25 of 54
Table 6. ADMV8809 Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Acce
ss
0x00
ADI_SPI_
CONFIG_A
[7:0]
SOFT-
RESET_
LSB_
FIRST_
ENDIAN_
SDO-
ACTIVE_
SDO-
ACTIVE
ENDIAN
LSB_
FIRST
SOFT-
RESET
0x00
R/W
0x01
ADI_SPI_
CONFIG_B
[7:0]
SINGLE_
INSTRUC-
TION
CSB_STALL CON-
TROLLER_
TARGET_
RB
RESERVED
CON-
TROLLER_
TARGET_
TRANSFER
0x00
R/W
0x03
CHIPTYPE
[7:0]
CHIPTYPE
0x01
R
0x04
PRODUCT_ID_L [7:0]
PRODUCT_ID_L
0x34
R
0x05
PRODUCT_ID_H [7:0]
PRODUCT_ID_H
0x00
R
0x0A SCRATCH_PAD
[7:0]
SCRATCH_PAD
0x00
R/W
0x0C VARIANT
[7:0]
RESERVED
VARIANT
0x00
R
0x10
SPI_LEVEL_CTL [7:0]
RESERVED
SPI_
LEVEL_CTL
0x00
R/W
0x11
LUT_CTL1
[7:0]
RESERVED
LUT_
BYPASS
LUT_LATCH LUT_MODE LUT_
ACTIVE_
SELECT
0x0C
R/W
0x12
LUT_CTL2
[7:0]
RESERVED
LUT_INDEX_POINTER
0x00
R/W
0x13
WR_SW
[7:0]
RESERVED
SW_SELECT
0x00
R/W
0x14
WR_FILTER
[7:0]
FILTER_SELECT
HPF
LPF
0x00
R/W
0x15
READBACK_
SWITCH
[7:0]
READBACK_SWITCH
0x00
R
0x16
READBACK_
FILTER1
[7:0]
RESERVED
HPF1
RESERVED
LPF1
0x00
R
0x17
READBACK_
FILTER2
[7:0]
RESERVED
HPF2
RESERVED
LPF2
0x00
R
0x18
READBACK_
FILTER3
[7:0]
RESERVED
HPF3
RESERVED
LPF3
0x00
R
0x19
READBACK_
FILTER4
[7:0]
RESERVED
HPF4
RESERVED
LPF4
0x00
R
0x1A SPARE_WRITE_
REG1
[7:0]
SPARE_WRITEBITS1
0x00
R/W
0x1B SPARE_WRITE_
REG2
[7:0]
SPARE_WRITEBITS2
0x00
R/W
0x1C SPARE_WRITE_
REG3
[7:0]
SPARE_WRITEBITS3
0x00
R/W
0x1D SPARE_READ_
REG1
[7:0]
SPARE_READBITS1
0x00
R
0x1E SPARE_READ_
REG2
[7:0]
SPARE_READBITS2
0x00
R
0x1F SPARE_READ_
REG3
[7:0]
SPARE_READBITS3
0x00
R
0x20
LUTA_0_SW
[7:0]
RESERVED
LUTA_0_SW_SELECT
0x00
R/W
0x21
LUTA_0_FILTER [7:0]
LUTA_0_FILTER_
POINTER
LUTA_0_HPF
LUTA_0_LPF
0x00
R/W
0x22
LUTA_1_SW
[7:0]
RESERVED
LUTA_1_SW_SELECT
0x00
R/W
0x23
LUTA_1_FILTER [7:0]
LUTA_1_FILTER_
POINTER
LUTA_1_HPF
LUTA_1_LPF
0x00
R/W
0x24
LUTA_2_SW
[7:0]
RESERVED
LUTA_2_SW_SELECT
0x00
R/W
0x25
LUTA_2_FILTER [7:0]
LUTA_2_FILTER_
POINTER
LUTA_2_HPF
LUTA_2_LPF
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com