Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Data Sheet
ADMV8809
REGISTER SUMMARY
analog.com
Rev. 0 | 26 of 54
Table 6. ADMV8809 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Acce
ss
0x26
LUTA_3_SW
[7:0]
RESERVED
LUTA_3_SW_SELECT
0x00
R/W
0x27
LUTA_3_FILTER [7:0]
LUTA_3_FILTER_
POINTER
LUTA_3_HPF
LUTA_3_LPF
0x00
R/W
0x28
LUTA_4_SW
[7:0]
RESERVED
LUTA_4_SW_SELECT
0x00
R/W
0x29
LUTA_4_FILTER [7:0]
LUTA_4_FILTER_
POINTER
LUTA_4_HPF
LUTA_4_LPF
0x00
R/W
0x2A LUTA_5_SW
[7:0]
RESERVED
LUTA_5_SW_SELECT
0x00
R/W
0x2B LUTA_5_FILTER [7:0]
LUTA_5_FILTER_
POINTER
LUTA_5_HPF
LUTA_5_LPF
0x00
R/W
0x2C LUTA_6_SW
[7:0]
RESERVED
LUTA_6_SW_SELECT
0x00
R/W
0x2D LUTA_6_FILTER [7:0]
LUTA_6_FILTER_
POINTER
LUTA_6_HPF
LUTA_6_LPF
0x00
R/W
0x2E LUTA_7_SW
[7:0]
RESERVED
LUTA_7_SW_SELECT
0x00
R/W
0x2F LUTA_7_FILTER [7:0]
LUTA_7_FILTER_
POINTER
LUTA_7_HPF
LUTA_7_LPF
0x00
R/W
0x30
LUTA_8_SW
[7:0]
RESERVED
LUTA_8_SW_SELECT
0x00
R/W
0x31
LUTA_8_FILTER [7:0]
LUTA_8_FILTER_
POINTER
LUTA_8_HPF
LUTA_8_LPF
0x00
R/W
0x32
LUTA_9_SW
[7:0]
RESERVED
LUTA_9_SW_SELECT
0x00
R/W
0x33
LUTA_9_FILTER [7:0]
LUTA_9_FILTER_
POINTER
LUTA_9_HPF
LUTA_9_LPF
0x00
R/W
0x34
LUTA_10_SW
[7:0]
RESERVED
LUTA_10_SW_SELECT
0x00
R/W
0x35
LUTA_10_
FILTER
[7:0]
LUTA_10_FILTER_
POINTER
LUTA_10_HPF
LUTA_10_LPF
0x00
R/W
0x36
LUTA_11_SW
[7:0]
RESERVED
LUTA_11_SW_SELECT
0x00
R/W
0x37
LUTA_11_
FILTER
[7:0]
LUTA_11_FILTER_
POINTER
LUTA_11_HPF
LUTA_11_LPF
0x00
R/W
0x38
LUTA_12_SW
[7:0]
RESERVED
LUTA_12_SW_SELECT
0x00
R/W
0x39
LUTA_12_
FILTER
[7:0]
LUTA_12_FILTER_
POINTER
LUTA_12_HPF
LUTA_12_LPF
0x00
R/W
0x3A LUTA_13_SW
[7:0]
RESERVED
LUTA_13_SW_SELECT
0x00
R/W
0x3B LUTA_13_
FILTER
[7:0]
LUTA_13_FILTER_
POINTER
LUTA_13_HPF
LUTA_13_LPF
0x00
R/W
0x3C LUTA_14_SW
[7:0]
RESERVED
LUTA_14_SW_SELECT
0x00
R/W
0x3D LUTA_14_
FILTER
[7:0]
LUTA_14_FILTER_
POINTER
LUTA_14_HPF
LUTA_14_LPF
0x00
R/W
0x3E LUTA_15_SW
[7:0]
RESERVED
LUTA_15_SW_SELECT
0x00
R/W
0x3F LUTA_15_
FILTER
[7:0]
LUTA_15_FILTER_
POINTER
LUTA_15_HPF
LUTA_15_LPF
0x00
R/W
0x40
LUTA_16_SW
[7:0]
RESERVED
LUTA_16_SW_SELECT
0x00
R/W
0x41
LUTA_16_
FILTER
[7:0]
LUTA_16_FILTER_
POINTER
LUTA_16_HPF
LUTA_16_LPF
0x00
R/W
0x42
LUTA_17_SW
[7:0]
RESERVED
LUTA_17_SW_SELECT
0x00
R/W
0x43
LUTA_17_
FILTER
[7:0]
LUTA_17_FILTER_
POINTER
LUTA_17_HPF
LUTA_17_LPF
0x00
R/W
0x44
LUTA_18_SW
[7:0]
RESERVED
LUTA_18_SW_SELECT
0x00
R/W
0x45
LUTA_18_
FILTER
[7:0]
LUTA_18_FILTER_
POINTER
LUTA_18_HPF
LUTA_18_LPF
0x00
R/W
0x46
LUTA_19_SW
[7:0]
RESERVED
LUTA_19_SW_SELECT
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com