Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 39Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 40Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 41Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 42Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 43Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 44Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 45Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
Data Sheet
ADMV8809
REGISTER DETAILS
analog.com
Rev. 0 | 42 of 54
Table 51. Bit Descriptions for LUTA_10_FILTER
Bits
Bit Name
Description
Reset
Access
[7:6]
LUTA_10_FILTER_POINTER
LUTA_10 Filter Pointer.
0x0
R/W
[5:3]
LUTA_10_HPF
LUTA_10 HPF State.
0x0
R/W
[2:0]
LUTA_10_LPF
LUTA_10 LPF State.
0x0
R/W
Address: 0x36, Reset: 0x00, Name: LUTA_11_SW
Figure 111.
Table 52. Bit Descriptions for LUTA_11_SW
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
LUTA_11_SW_SELECT
LUTA_11 Switch Select.
0x0
R/W
Address: 0x37, Reset: 0x00, Name: LUTA_11_FILTER
Figure 112.
Table 53. Bit Descriptions for LUTA_11_FILTER
Bits
Bit Name
Description
Reset
Access
[7:6]
LUTA_11_FILTER_POINTER
LUTA_11 Filter Pointer.
0x0
R/W
[5:3]
LUTA_11_HPF
LUTA_11 HPF State.
0x0
R/W
[2:0]
LUTA_11_LPF
LUTA_11 LPF State.
0x0
R/W
Address: 0x38, Reset: 0x00, Name: LUTA_12_SW
Figure 113.
Table 54. Bit Descriptions for LUTA_12_SW
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
LUTA_12_SW_SELECT
LUTA_12 Switch Select.
0x0
R/W
Address: 0x39, Reset: 0x00, Name: LUTA_12_FILTER
Figure 114.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com