Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SINGLE-AXIS Datasheet(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # SINGLE-AXIS
Description  1-2- or 4-Axis PWM Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

SINGLE-AXIS Datasheet(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

  SINGLE-AXIS Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
aerotech.com
AUTOMATION1 XA4 GENERAL SPECIFICATIONS
1. For stepper motors only, one-half of bus voltage is applied across the motor (e.g 80 VDC supply results in 40 VDC across stepper motor).
2. Output voltage depends on input voltage.
3. Peak value of the sine wave; rms current for AC motors is 0.707 Apk.
4. This specification is for all axes together. The drive can achieve the peak output current for each axis with all axes running.
5. This specification is per axis.
6. Maximum achievable continuous output current depends on the thermal conditions of the drive.
Operating Temperature
0 to 40 °C
Storage Temperature
-30 to 85 °C
Weight
1 kg (2.2 lb)
1.5 kg (3.3 lb)
Compliance
CE approved, NRTL safety certification, EU 2015/863 RoHS 3 directive
SPECIFICATION
SINGLE-AXIS (-AX1)
TWO-AXIS (-AX2)
FOUR-AXIS (-AX4)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com