Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SINGLE-AXIS Datasheet(PDF) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # SINGLE-AXIS
Description  1-2- or 4-Axis PWM Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

SINGLE-AXIS Datasheet(HTML) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

  SINGLE-AXIS Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
aerotech.com
AUTOMATION1 XA4 ORDERING OPTIONS
Automation1-XA4
Automation1-XA4 1- 2- or 4-Axis HyperWire multi-Axis PWM servo drive
Axes
-AX1
Single-axis servo motor drive
-AX2
Two-axis servo motor drive
-AX4
Four-axis servo motor drive
Notes:
1. The -AX1 option is only available with the -AC Motor supply voltage option.
Motor Supply Voltage
-AC
240 VAC rated motor supply
-DC
100 VDC rated motor supply
Notes:
1. The -DC option is only available with the two-axis (-AX2) and four-axis (-AX4) options.
Current
-10
10 A peak, 5 A cont. current (-AX1, -AX2); 10 A peak, 4 A cont. current (-AX4)
-20
20 A peak, 10 A cont. current (-AX1); 20 A peak, 5 A cont. current (-AX2);
20 A peak, 4 A cont. current (-AX4)
Notes:
1. The -20 Peak Current option is only available with the -AC Motor supply voltage option.
2. When configured with -AX2 or AX4, each axis pair (1 & 2 and 3 & 4) is configured with the same current ratings.
Multiplier
-MX0
No encoder multiplier (default)
-MX1
16,384 encoder multiplier
Notes:
1. MX1 multiplier is only available when configured with the -AX2 or -AX4, and applies to each pair of axes (1 & 2 and 3 & 4).
Expansion Board
-EB0
No expansion board
-EB1
Standard density I/O expansion board
-EB2
High density I/O expansion board
PSO
-PSO0
No PSO
-PSO6
Three-axis Part-Speed PSO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com