Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SINGLE-AXIS Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # SINGLE-AXIS
Description  1-2- or 4-Axis PWM Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

SINGLE-AXIS Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  SINGLE-AXIS Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. SINGLE-AXIS Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
aerotech.com
AUTOMATION1 XA4 GENERAL SPECIFICATIONS
SPECIFICATION
SINGLE-AXIS (-AX1)
TWO-AXIS (-AX2)
FOUR-AXIS (-AX4)
Number of Axes
1
2
4
Motor Style
Brush, brushless, voice coil, stepper(1)
Motor Supply
-AC: Single-phase 0-240 VAC; 50/60 Hz
-DC: Not available on -AX1
-DC: 15-100 VDC
Control Supply
24 VDC
Bus Voltage(2)
-AC: 0-340 VDC
-DC: Not available on -AX1
-DC: 15-100 VDC
Peak Output Current
(1 sec)(3)(4)
-10: 10 Apk
-20: 20 Apk , only available on -AC option
Continuous Output
Current(3)(5)(6)
-10: 5 Apk (-AX1 and -AX2 options); 4 Apk (-AX4 option);
-20: 10 Apk (-AX1 option); 5 Apk (-AX2 option); 4 Apk (-AX4 option), only available on -AC option
Position Synchronized
Output (PSO)
Standard
• No PSO support
Optional:
• Three-axis Part-Speed PSO (includes one-axis PSO)
25-Pin Motor Feedback
Connector
- High-speed differential inputs (encoder sin, cos and marker)
- CW and CCW limits
- Hall effect sensor inputs (A, B and C)
- Analog motor temperature input (accepts digital)
- Brake output
- 1x 16-bit differential ±10 V analog input
Multiplier Options
MX0 Option:
Primary encoder (axis 1):
40 million counts per second
square-wave input
MX0 Option:
Primary encoder (axes 1 and 2): 40 million counts per second
square-wave input
MX1 Option:
Primary encoder (axes 1 and 2): 450 kHz sine-wave input,
encoder multiplier up to 16,384
I/O Expansion Board
(-EB1)
- 16x digital inputs, optically isolated
- 16x digital outputs, optically isolated
- 2x analog inputs, 16-bit, differential, ±10 V
- 2x analog outputs, 16-bit, single-ended, ±10 V
- Auxiliary encoder: 40 million counts-per-second square-wave input
I/O Expansion Board
(-EB2)
- 32x digital inputs, optically isolated
- 32x digital outputs, optically isolated
- 3x analog inputs, 16-bit, differential, ±10 V
- 6x analog outputs, 16-bit, single-ended, ±10 V
- Auxiliary encoder: 40 million counts-per-second square-wave input, 10 MHz maximum
Drive Array Memory
16.8 MB (4,194,304 32-bit elements)
67.1 MB (16,777,216 32-bit
elements)
High Speed Data Capture
Yes (50 ns latency)
Safe Torque Off (STO)
Yes, SIL3/PLe/Cat 4
HyperWire Connections
2x HyperWire small form-factor pluggable (SFP) ports
Automatic Brake Control
Standard (24 V at 1.0 A per axis)
Absolute Encoder
BiSS C Unidirectional; EnDat 2.1; EnDat 2.2; SSI
Current Loop Update Rate 20 kHz
Servo Loop Update Rate
10 kHz
chart continued on next page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com