Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TH8080 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button TH8080 Datasheet HTML 2Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 3Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 6 of 23
3901008080
July 2004
Rev 006
2.3
Static Characteristics
Unless otherwise specified all values in the following tables are valid for VS = 7 to 18V, VCC = 4.5 to 5.5V and
TAMB= -40 to 125°C. All voltages are referenced to ground (GND), positive currents are flow into the IC.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PIN VS, VCC
VCC undervoltage lockout
VCC_UV
VS > 7V, TxD=L
2.75
4.3
V
Supply current, dominant
ISd
VS = 18V,VCC = 5.5V, TxD = L
1
3
mA
Supply current, dominant
ICCd
VS = 18V,VCC = 5.5V, TxD = L
0.8
1.5
mA
Supply current, recessive
ISr
VS = 18V,VCC = 5.5V,TxD=open
10
20
µA
Supply current, recessive
ICCr
VS = 18V,VCC = 5.5V,TxD=open
18
30
µA
Supply current, recessive
ISr + ICCr
VS = 12V,VCC = 5V, TxD=open,
Tamb= 25
°
24
µA
PIN BUS – Transmitter
Short circuit bus current [2] [3]
IBUS_LIM
VBUS = VS, driver on
120
200
mA
Pull up current bus [2] [3]
IBUS_PU
VBUS = 0, VS = 12V, driver off
-600
-200
mA
Bus reverse current, recessive [2] [3]
IBUS_PAS_rec V
BUS
> VS , 7V < VBUS < 18V
7V < VS < 18V, driver off
5
µA
Bus reverse current loss of battery [2] [3]
IBUS
VS = 0V, 0V < VBUS < 18V
5
µA
Bus current during loss of Ground [2] [3]
IBUS_NO_GND VS = 12V, 0 < VBUS < 18V
-1
1
mA
Transmitter dominant voltage [1] [2]
VBUSdom_DRV_2 VS = 7V, load = 500
1.2
V
Transmitter dominant voltage [2]
VBUSdom_DRV_3 VS = 18V, load = 500
2
V
Bus input capacitance [1]
CBUS
Pulse response via 10k
Ω,
VPULSE=12V, VS open
25
35
pF
PIN BUS – Receiver
Receiver dominant voltage [2] [3]
VBUSdom
0.4 *VS
V
Receiver recessive voltage [2] [3]
VBUSrec
0.6 *VS
V
Center point of receiver threshold [1] [2] [3]
VBUS_CNT
VBUS_CNT = (VBUSdom + VBUSrec )/2 0.487 *VS 0.5 *VS 0.512 *VS
V
Receiver hysteresis [1] [2] [3]
VHYS
VBUS_CNTt = ( VBUSrec -VBUSdom )
0.175
*VS
0.187 *VS
V
PIN TXD
High level input voltage
Vih
Rising edge
0.7*VCC
V
Low level input voltage
Vil
Falling edge
0.3*VCC
V
TxD pull up resistor
RIH_TXD
VTxD = 0V
10
15
20
k
PIN RXD
Low level output voltage
Vol_rxd
IRxD = 2mA
0.9
V
Leakage Current
Vleak_rxd
VRxD = 5.5V, recessive
-10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com