Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TH8080 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button TH8080 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 10 of 23
3901008080
July 2004
Rev 006
3. Functional Description
3.1
Initialization
After power on, the chip enters automatically the recessive state. If the voltage regulator provides the VCC
supply voltage, normal communication is possible.
3.2
Operating Modes
All operation modes will be handled from the TH8080 automatically.
Normal Mode
After power on, the IC switches automatically to normal mode. Bus communication is possible.
If there is no communication on the bus line the power consumption of the IC is very low and therefore it is
no standby management from the MCU necessary.
Thermal Shutdown Mode
If the junction temperature TJ is higher than 155°C, the TH8080 will be switched into the thermal shutdown
mode (bus driver will be switched off).
If TJ falls below the thermal shutdown temperature (typ. 140°C) the TH8080 will be switched to the normal
mode.
3.3
LIN BUS Transceiver
The transceiver consists a bus-driver with slew rate control, current limitation and as well in the receiver a
high voltage comparator followed by a debouncing unit.
BUS Input/Output
The recessive BUS level is generated from the integrated 30k pull up resistor in serial with a diode This
diode prevent the reverse current of VBUS during differential voltage between VS and BUS (VBUS>VS).
No additional termination resistor is necessary to use the TH8080 in LIN slave nodes. If this IC is used for
LIN master nodes it is necessary that the BUS pin is terminated via a external 1k
Ω resistor in serial with a
diode to VBAT.
TxD Input
During transmission the data at the pin TxD will be transferred to the BUS driver for generating a BUS signal.
To minimize the electromagnetic emission of the bus line, the BUS driver is equipped with an integrated slew
rate control and wave shaping unit.
Transmitting will be interrupted if thermal shutdown is active.
The CMOS compatible input TxD controls directly the BUS level:
TxD = low
->
BUS = low (dominant level)
TxD = high
->
BUS = high (recessive level)
The TxD pin has an internal pull up resistor connected to VCC. This secures that an open TxD pin generates
a recessive BUS level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com