Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TH8080 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # TH8080
Description  SoloLIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8080 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button TH8080 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8080 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TH8080
SoloLIN Transceiver
TH8080 – Datasheet
Page 9 of 23
3901008080
July 2004
Rev 006
2.6
Test Circuits for Dynamic and Static Characteristics
VS
BUS
GND
VCC
RxD
TxD
TH8080
RL
100n
CL
100n
20p
2.7K
Figure 4 - Test circuit for dynamic characteristics
VS
BUS
GND
VCC
RxD
TxD
TH8080
500
2uF
1nF
100n
Schaffner-
generator
12V
Puls1,2,4
Puls3a,3b
Oszi
Figure 5 - Test circuit for automotive transients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com