Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLB06F7050/AA Datasheet(PDF) 49 Page - Positronic.

Part # PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Datasheet(HTML) 49 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 45Page - Positronic. PLB06F7050/AA Datasheet HTML 46Page - Positronic. PLB06F7050/AA Datasheet HTML 47Page - Positronic. PLB06F7050/AA Datasheet HTML 48Page - Positronic. PLB06F7050/AA Datasheet HTML 49Page - Positronic. PLB06F7050/AA Datasheet HTML 50Page - Positronic. PLB06F7050/AA Datasheet HTML 51Page - Positronic. PLB06F7050/AA Datasheet HTML 52Page - Positronic. PLB06F7050/AA Datasheet HTML 53Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.145 [3.68] Ø hole in printed board for power contact termination positions.
Suggest 0.045 [1.14] Ø hole for signal solder contact termination positions.
Suggest 0.100 [2.54] Ø hole in printed board when mounting connectors with #2 thread forming screws.
Suggest 0.123±0.003 [3.12±0.08] Ø hole in printed board for mounting connector with push-on fasteners.
NOTE: See page 57 for suggested printed board drill hole sizes, recommended plating and finished hole sizes
for compliant contact termination positions.
Power
Connection
Systems
Positronic
connectpositronic.com
43
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
STRAIGHT PRINTED BOARD CONNECTOR
AND CONTACT HOLE PATTERN
MALE
FEMALE
Typical part numbers:
PLB10W2M300A1
PLBH10W2M300A1
Typical part numbers:
PLB10W2F300A1
PLBH10W2F300A1
PLB10W2
PLC16W4
STRAIGHT SOLDER AND COMPLIANT CONTACT HOLE PATTERN
MALE
FEMALE
PLC(H)16W4 STRAIGHT PRINTED BOARD MOUNT CONNECTOR
CODE 3, 0.146 [3.71] CONTACT EXTENSION
PLB(H)10W2 STRAIGHT PRINTED BOARD MOUNT CONNECTOR
CODE 3, 0.146 [3.71] CONTACT EXTENSION
Typical part numbers:
PLC16W4M300A1
PLCH16W4M300A1
Typical part numbers:
PLC16W4F300A1 
PLCH16W4F300A1 
NOTE: MOUNTING SCREWS CAN BE
SUPPLIED WITH CONNECTORS USING STEP
5 IN ORDERING INFORMATION ON PAGE 46.
MOUNTING SCREWS CAN ALSO BE ORDERED
SEPARATELY BY PART NUMBER. SEE PAGE 59.
NOTE: MOUNTING SCREWS CAN BE
SUPPLIED WITH CONNECTORS USING STEP
5 IN ORDERING INFORMATION ON PAGE 46.
MOUNTING SCREWS CAN ALSO BE ORDERED
SEPARATELY BY PART NUMBER. SEE PAGE 59.
Rev G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com