Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLB06F7050/AA Datasheet(PDF) 11 Page - Positronic.

Part # PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Datasheet(HTML) 11 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 7Page - Positronic. PLB06F7050/AA Datasheet HTML 8Page - Positronic. PLB06F7050/AA Datasheet HTML 9Page - Positronic. PLB06F7050/AA Datasheet HTML 10Page - Positronic. PLB06F7050/AA Datasheet HTML 11Page - Positronic. PLB06F7050/AA Datasheet HTML 12Page - Positronic. PLB06F7050/AA Datasheet HTML 13Page - Positronic. PLB06F7050/AA Datasheet HTML 14Page - Positronic. PLB06F7050/AA Datasheet HTML 15Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
5
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
WHY IS THE L.S.A. SYSTEM SUPERIOR?
The primary function of connector contact is electrical
conductivity. Also, a mechanical function is required to
provide normal force between male and female contacts.
In order to provide for proper mechanical characteris-
tics, material that has good memory or “elasticity” must be
chosen. This will ensure contact normal force in a coupled
condition and allow for repeated coupling and uncoupling.
Unfortunately, many materials that have good mem-
ory characteristics have low electrical conductivity. For
instance, beryllium copper is a good choice for mechani-
cal function; however, some beryllium copper alloys are
poor conductors and have relatively low conductivity
rates.
The conductivity path of many contact designs
goes directly through materials that have been cho-
sen based on mechanical need. If these materials have
a low conductivity rating, increased contact resistance
will result.
Positronic Large Surface Area Contact System
separates the mechanical and electrical functions. A
spring retention member provides normal forces, while
the electrical conductivity path is through highly conduc-
tive contact material. See above detail.
THE PCS SERIES utilizes Positronic
LARGE SURFACE AREA CONTACT MATING SYSTEM
l
Separates mechanical and electrical functions for superior performance
l
Low contact resistance provides minimized voltage drop across the contact
l
True closed entry design prevents damage to female contacts and will not allow
misaligned or bent contacts to enter
l
Precision machined from solid copper alloy
l
Stable insertion and withdrawl forces throughout repeated mating cycles
LARGE SURFACE AREA
CONTACT MATING SYSTEM
Spring retention member
provides uniform retention
of male contact when mated
Female contact
A
A
Male contact
Section A
enlarged
Spring
retention
member
Large surface area
contact mating surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com