Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLB06F7050/AA Datasheet(PDF) 63 Page - Positronic.

Part # PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Datasheet(HTML) 63 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 59Page - Positronic. PLB06F7050/AA Datasheet HTML 60Page - Positronic. PLB06F7050/AA Datasheet HTML 61Page - Positronic. PLB06F7050/AA Datasheet HTML 62Page - Positronic. PLB06F7050/AA Datasheet HTML 63Page - Positronic. PLB06F7050/AA Datasheet HTML 64Page - Positronic. PLB06F7050/AA Datasheet HTML 65Page - Positronic. PLB06F7050/AA Datasheet HTML 66Page - Positronic. PLB06F7050/AA Datasheet HTML 67Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
57
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
COMPLIANT PRESS-IN CONNECTORS
PRINTED BOARD HOLE SIZES
NOTE: For PCB plating compositions not
shown, consult Technical Sales.
COMPLIANT
PRESS-IN TERMINATION
CONTACT HOLE
SUGGESTED PRINTED BOARD HOLE SIZES FOR COMPLIANT PRESS-IN CONNECTORS
Traditionally, tin-lead has been a popular plating for printed circuit boards (PCB) holes. However, many PCB hole
platings must now be RoHS Compliant. Positronic is pleased to offer
PCB HOLE SIZE FOR RoHS PCB plating as
shown below.
OMEGA & BI-SPRING COMPLIANT PRESS-IN CONTACT HOLE
BOARD
TYPE
CONTACT
SIZE / TYPE
RECOMMENDED
DRILL HOLE SIZE
RECOMMENDED
PLATING
FINISHED
HOLE SIZES
TIN-LEAD
SOLDER
PCB
20
OMEGA
ø0.0453±0.0010
[ø1.150±0.025]
0.0006 [15µ]
minimum solder
over 0.0010 [25µ]
min. copper
ø0.0394+0.0035-0.0024
[ø1.000+0.090-0.060]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
12
BI-SPRING
ø0.102±0.001
[ø2.59±0.025]
ø0.096±0.002
[ø2.44±0.05]
8
BI-SPRING
ø0.125±0.001
[ø3.180±0.025]
ø0.119±0.002
[ø3.02±0.05]
RoHS PCB PLATING OPTIONS
COPPER
PCB
20
OMEGA
ø0.047±0.001
[ø1.19±0.025]
0.0010 [25µ]
min. copper
ø0.043±0.002
[ø1.09±0.05]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
12
BI-SPRING
ø0.102±0.001
[ø2.59±0.025]
ø0.096±0.002
[ø2.44±0.05]
8
BI-SPRING
ø0.125±0.001
[ø3.180±0.025]
ø0.119±0.002
[ø3.02±0.05]
IMMERSION
TIN
PCB
20
OMEGA
ø0.047±0.001
[ø1.19±0.025]
0.000033±0.000006
[0.85±0.15µ]
immersion tin
over 0.0010 [25µ]
min. copper
ø0.043±0.002
[ø1.09±0.05]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
12
BI-SPRING
ø0.102±0.001
[ø2.59±0.025]
ø0.096±0.002
[ø2.44±0.05]
8
BI-SPRING
ø0.125±0.001
[ø3.180±0.025]
ø0.119±0.002
[ø3.02±0.05]
IMMERSION
SILVER
PCB
20
OMEGA
ø0.047±0.001
[ø1.19±0.025]
0.000013±0.000007
[0.34±0.17µ]
immersion silver
over 0.0010 [25µ]
min. copper
ø0.043±0.002
[ø1.09±0.05]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
12
BI-SPRING
ø0.102±0.001
[ø2.59±0.025]
ø0.096±0.002
[ø2.44±0.05]
8
BI-SPRING
ø0.125±0.001
[ø3.18±0.025]
ø0.119±0.002
[ø3.02±0.05]
ELECTROLESS
NICKEL /
IMMERSION
GOLD
PCB
20
OMEGA
ø0.047±0.001
[ø1.19±0.025]
0.000002 [0.05µ] min.
immersion gold over
0.000177±0.000059
[4.5±1.5µ] electroless
nickel per IPC-4552
over 0.0010 [25µ]
min. copper
ø0.043±0.002
[ø1.09±0.05]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
12
BI-SPRING
ø0.102±0.001
[ø2.59±0.025]
ø0.096±0.002
[ø2.44±0.05]
8
BI-SPRING
ø0.125±0.001
[ø3.180±0.025]
ø0.119±0.002
[ø3.02±0.05]
“Bi-Spring” Termination
“Omega” Termination
utilized on signal contacts
When properly used, Positronic
omega and bi-spring compliant
press-in terminations provide reliable
service even under severe conditions.
Connectors utilizing this
leading technology compliant
press-in contact are easy to
install:
1. Inexpensive installation tooling
is available from Positronic, to
choose the proper installation
tool refer to page 56 for part
number ordering information.
2. Insert the connector into the
P.C. board or backplane and
seat connector fully.
3. Secure the connector to the P.C.
board or backplane using two
self-tapping screws. The screws
should be #2 self-tapping
screws for plastic.
COMPLIANT PRESS-IN
USER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com