Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4959 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4959
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR HOME AUDIO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4959 Datasheet(HTML) 2 Page - STMicroelectronics

  L4959 Datasheet HTML 1Page - STMicroelectronics L4959 Datasheet HTML 2Page - STMicroelectronics L4959 Datasheet HTML 3Page - STMicroelectronics L4959 Datasheet HTML 4Page - STMicroelectronics L4959 Datasheet HTML 5Page - STMicroelectronics L4959 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
35
V
IO
Output Current
internally limited
Top
Operating Temperature Range
0 to +70
°C
Tstg
Storage Temperature
–40 to 150
°C
QUICK REFERENCE DATA
Symbol
Parameter
Test Condition
Typ.
Unit
Vout 5V
5V Output Voltage
IO = 125mA
5.6
V
14.4V < VS < 21.6V
5mA < I < 0.25A
5.6
V
Vout 8V
8.6V Output Voltage
IO = 300mA
8.6
V
14.4V < VS < 21.6V 5mA < I < 0.6A
8.6
V
Vout 12Va
12V Output Voltage
Iout = 400mA
12
V
14.4V < VS < 21.6V
5mA < I < 0.8A
12
V
Vout 12Vb
12V Output Voltage
Iout = 650mA
12
V
14.4V < VS < 21.6V 5mA < I < 1.3A
12
V
1
2
3
4
5
6
7
9
10
11
8
OUT 12V(a)
VS
OUT 8.6V
EN 8.6V
EN 12V(a)
GND
EN 12V(b)
N.C.
OUT 5.6V
VS
OUT 12V(b)
TAB CONNECTED TO PIN 6
D97AU716A
PIN CONNECTION (Top view)
PIN DESCRIPTION
Pin
Pins
Description
1
OUT 12V (b)
12V/1.3A SWITCHED OUTPUT VOLTAGE
2VS
Supply Voltage
3
OUT 5.6V
5.6V/250mA OUTPUT VOLTAGE
4
N.C.
not connected
5
EN 12V (b)
Enable 12V/1.3A SWITCHED OUTPUT VOLTAGE
6
GND
Ground
7
EN 12V (a)
Enable 12V/0.8A SWITCHED OUTPUT VOLTAGE
8
EN 8.6V
Enable 8.6V/0.6A SWITCHED OUTPUT VOLTAGE
9
OUT 8.6
8.6V/0.6A SWITCHED OUTPUT VOLTAGE
10
VS
Supply Voltage
11
OUT 12V (a)
12V/0.8A SWITCHED OUTPUT VOLTAGE
L4959
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com