Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4959 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4959
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR HOME AUDIO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4959 Datasheet(HTML) 3 Page - STMicroelectronics

  L4959 Datasheet HTML 1Page - STMicroelectronics L4959 Datasheet HTML 2Page - STMicroelectronics L4959 Datasheet HTML 3Page - STMicroelectronics L4959 Datasheet HTML 4Page - STMicroelectronics L4959 Datasheet HTML 5Page - STMicroelectronics L4959 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
2
°C/W
ELECTRICAL CHARACTERISTICS (VS = 18V, Tcase = 25
°C, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
no load
15
22
30
V
loaded (*)
14.4
18
21.6
V
En
Output Noise Voltage
Any reg. supply,
f = 100Hz to 20KHz
200
400
µV
Iq
Quiescent Current
8
mA
5.6V/250mA OUTPUT VOLTAGE
Vout 5V
5V Output Voltage
IO = 125mA
5.45
5.9
V
14.4V < VS < 21.6V
5mA < I < 0.25
5.40
6
V
∆Vline
Line Regulation
14.4V < VS < 21.6V
5
50
mV
∆Vload
Load Regulation
5mA < Io < 250mA
50
150
mV
Vdropout
Dropout Voltage
Iout = 250mA
2.05
2.7
V
Ilim
Current Limit
VS = 21.6V
250
325
mA
8.6V/0.6A SWITCHED OUTPUT VOLTAGE
Vout 8V
8.6V Output Voltage
IO = 300mA
8.4
9.1
V
14.4V < VS < 21.6V 5mA < I < 0.6A
8.3
9.2
V
∆Vline
Line Regulation
14.4V < VS < 21.6V
5
50
mV
∆Vload
Load Regulation
5mA < Io < 0.6A
50
350
mV
Vdropout
Dropout Voltage
Iout = 0.6A
2.05
2.7
V
Ilim
Current Limit
VS = 21.6V
0.6
0.8
A
SWon
Switch ON
2.31
3.5
V
SW off
Switch OFF
1.5
2.11
V
SW hyst
Switch Hysteresis
200
mV
12V/0.8A SWITCHED OUTPUT VOLTAGE
Vout12Va
12V Output Voltage
Iout = 400mA
11.7
12.7
V
14.4V < VS < 21.6V
5mA < I < 0.8A
11.6
12.8
V
∆Vline
Line Regulation
14.4V < Vs < 21.6V
10
50
mV
∆Vload
Load Regulation
5mA < Io < 0.8A
100
350
mV
Vdropout
Dropout Voltage
Iout = 0.8A
2.13
2.7
V
Ilim
Current Limit
VS = 21.6V
0.8
1.1
A
SVR
Supply Voltage Rejection
f = 100Hz
f = 10KHz
55
40
75
dB
SWon
Switch ON
2.31
3.5
V
SW off
Switch OFF
1.5
2.11
V
SW hyst
Switch Hysteresis
200
mV
12V/1.3A SWITCHED OUTPUT VOLTAGE
Vout12Vb
12V Output Voltage
Iout = 650mA
11.6
12.6
V
14.4V < VS < 21.6V
5mA < I < 1.3A
11.5
12.7
V
∆Vline
Line Regulation
14.4V < Vs < 21.6V
10
50
mV
∆Vload
Load Regulation
5mA < Io < 1.3A
200
450
mV
Vdropout
Dropout Voltage
Iout = 1.3A
2.15
2.7
V
Ilim
Current Limit
VS = 21.6V
1.3
1.7
A
L4959
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com