Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4959 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4959
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR HOME AUDIO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4959 Datasheet(HTML) 4 Page - STMicroelectronics

  L4959 Datasheet HTML 1Page - STMicroelectronics L4959 Datasheet HTML 2Page - STMicroelectronics L4959 Datasheet HTML 3Page - STMicroelectronics L4959 Datasheet HTML 4Page - STMicroelectronics L4959 Datasheet HTML 5Page - STMicroelectronics L4959 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 2: PCB and Components layout of the Figure 1.
L4959
C2
0.33
µF
C3
0.1
µF
C1
2200
µF
35VL
+VS
GND
C4
0.1
µF
C5
0.1
µF
C6
0.1
µF
C7
100
µF
16VL
C8
100
µF
16VL
C9
100
µF
16VL
C10
100
µF
16VL
VCC
G
EN8.6V
EN12Va
EN12Vb
5.6V 0.25A
3
87
5
11
1
9
10
2
6
µ-PROC
SIGNAL
12Va 0.8A
12Vb 1.3A
8.6V 0.6A
DECK
CD
+5V
D97AU802
Figure 1: Application and Test Circuit.
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SVR
Supply Voltage Rejection
f = 100Hz
f = 10KHz
55
40
75
dB
SWon
Switch ON
2.31
3.5
V
SW off
Switch OFF
1.5
2.11
V
SW hyst
Switch Hysteresis
200
mV
(*) The max value is limited by the power dissipation
L4959
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com