Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN770KP Datasheet(PDF) 12 Page - STMicroelectronics

Part # VN770KP
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770KP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VN770KP Datasheet HTML 8Page - STMicroelectronics VN770KP Datasheet HTML 9Page - STMicroelectronics VN770KP Datasheet HTML 10Page - STMicroelectronics VN770KP Datasheet HTML 11Page - STMicroelectronics VN770KP Datasheet HTML 12Page - STMicroelectronics VN770KP Datasheet HTML 13Page - STMicroelectronics VN770KP Datasheet HTML 14Page - STMicroelectronics VN770KP Datasheet HTML 15Page - STMicroelectronics VN770KP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical specifications
VN770KP-E
12/33
DocID022021 Rev 4
Tj = 25°C, unless otherwise specified.
Table 13. On-state
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
RDS(on)
Static drain source on
resistance
VIN = 5 V; ID = 3.5 A; Tj = 25°C
65
VIN = 5 V; ID = 3.5 A
130
Table 14. Dynamic
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
gfs(1)
1. Pulsed: Pulse duration = 300μs, duty cycle 1.5%
Forward trans
conductance
VDD = 13 V; ID = 3.5 A
9
S
COSS
Output capacitance
VDS = 13 V; f = 1 MHz; VIN = 0 V
220
pF
Table 15. Switching
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
VDD = 15 V; ID = 3.5 A; Vgen = 5 V;
Rgen = RIN MIN = 150 Ω
100
300
ns
tr
Rise time
470
1500
ns
td(off)
Turn-off delay time
500
1500
ns
tf
Fall time
350
1000
ns
td(on)
Turn-on delay time
VDD = 15 V; ID = 3.5 A; Vgen = 5 V;
Rgen = 2.2 KΩ
0.75
2.3
μs
tr
Rise time
4.6
14
μs
td(off)
Turn-off delay time
5.4
16
μs
tf
Fall time
3.6
11
μs
(dI/dt)on Turn-on current slope
VDD = 15 V; ID = 3.5 A; Vgen = 5 V;
Rgen = RIN MIN = 150 Ω
6.5
A/μs
Qi
Total input charge
VDD = 12 V; ID = 3.5 A; VIN = 5 V;
Igen = 2.13 mA
18
nC
Table 16. Source drain diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VSD(1)
1. Pulsed: Pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
ISD = 3.5 A; VIN = 0 V
0.8
V
trr
Reverse recovery time
ISD = 3.5 A; dI/dt = 20 A/μs;
VDD = 30 V; L = 200 μH
220
ns
Qrr
Reverse recovery charge
0.28
μC
IRRM
Reverse recovery current
2.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com