Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN770KP Datasheet(PDF) 30 Page - STMicroelectronics

Part # VN770KP
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770KP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VN770KP Datasheet HTML 25Page - STMicroelectronics VN770KP Datasheet HTML 26Page - STMicroelectronics VN770KP Datasheet HTML 27Page - STMicroelectronics VN770KP Datasheet HTML 28Page - STMicroelectronics VN770KP Datasheet HTML 29Page - STMicroelectronics VN770KP Datasheet HTML 30Page - STMicroelectronics VN770KP Datasheet HTML 31Page - STMicroelectronics VN770KP Datasheet HTML 32Page - STMicroelectronics VN770KP Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Package information
VN770KP-E
30/33
DocID022021 Rev 4
E
7.40
7.60
e
1.27
H
10.0
10.65
h
0.25
0.75
L
0.40
1.27
k0°
ddd
0.10
1. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusions or gate burrs shall not exceed 0.15mm per side.
Table 21. SO-28 package mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com