Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OSD2002-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OSD2002-2
Description  PLED 20x2 Character Module Specifications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD2002-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OSD2002-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PLED 20x2 Character Module OSD2002-2 Specification
1.
Features
1. 2 lines of 20 characters of 5x8 (dots)
2. Low power consumption
3. High contrast ratio and wide viewing angle
4. Compatible with LCD 20x2 type
5. Controller is compatible with HD44780
6. 4-bits or 8-bit MPU interface
7. High speed MPU interface:2 MHz(VDD=5V)
8. 80x8 bit Display RAM(80 characters max.)
2. Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage for Logic
4.5
5.0
5.5
V
Topr
Operating temperature
-20
25
60
oC
Tstg
Storage temperature
-30
70
oC
Vbt
Brightness control voltage
3
V
Tsolder
Soldering Temperature
260
for 5 seconds
Pd
Module power consumption
@Vbt=3V
VDD=5V
50
80
130
mW
Operating
Storage
Item
Min.
Max.
Min.
Max.
Ambient
Temperature
-20
oC 60oC
-30
oC
70
oC
Humidity
40
oC 90%RH
40
oC 90%RH
Corrosive gas
Not Acceptable Not Acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com