Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OSD2002-2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OSD2002-2
Description  PLED 20x2 Character Module Specifications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD2002-2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OSD2002-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3.6
Instruction set
Code
Instruction
RS R/
W
D7
D6 D5 D4 D3 D2 D1 D0
Description
Execution
time
Clear
Display
0
0
0
0
0
0
0
0
0
1
Clear entire display. Sets DDRAM
address 0 into address counter
1.52ms
Entry mode
set
0
0
0
0
0
0
0
1
I/D
S
Sets cursor move direction and
specifies display shift
37us
Display
On/Off
control
0
0
0
0
0
0
1
D
C
B
Sets entire display (D) On/Off
Sets cursor (C) On/Off
Sets Blinking (B) of cursor position
character
37us
Cursor/displ
ay shift
0
0
0
0
0
1
S/C R/L
X
X
Moves cursor & shifts display without
changing DDRAM contents
37us
Function set 0
0
0
0
1
DL
N
F
X
X
Sets interface data length (DL)
Sets number of display lines (N)
Sets character font (F)
37us
Set CGRAM
address
0
0
0
1
ACG ACG ACG ACG ACG ACG Sets CGRAM address.
CGRAM data is sent and received
after this setting.
37us
Set DDRAM
address
0
0
1
ADD ADD ADD ADD ADD ADD ADD Sets DDRAM address.
The DDRAM data bus sent and
received after this setting
37us
Read busy
flag &
address
0
1
BF
AC
AC
AC
AC
AC
AC
AC
Reads busy flag (BF) indicating that
internal operation is being performed
Reads address counter contents
0us
Write data
into the
CGRAM or
DDRAM
1
0
Write data
Write data into the CGRAM or
DDRAM
37us
Read data
into the
CGRAM or
DDRAM
1
1
Read data
Read data from the CGRAM or
DDRAM
37us
I/D =1: Increment
I/F=0:Decrement
S
=1: Display shift on
D
=1: Display on
C
=1: Cursor display on
B
=1: Cursor blink on
S/C =1: Shift display
S/C=0: Move cursor
R/L =1: Shift right
R/L=0:Shift left
DL =1: 8-bit
DL=0:4-bit
N
=1:Dual line
N =0:Single line
F
=1:5x10 dots
F =0:5x8 dots
BF =1:Internal operation
BF =0:Ready for instruction
DDRAM: Display Data RAM
CGRAM: Character Generator RAM
ACG: Character Generator RAM
Address
ADD: Display Data RAM Address
AC: Address Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com