Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OSD2002-2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # OSD2002-2
Description  PLED 20x2 Character Module Specifications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD2002-2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button OSD2002-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
3.7
Initialization via Instruction
8-BIT INTERFACE
The following procedures are followed during the initialization of an 8-bit MPU
Power ON
WAIT FOR MORE THAN
15ms AFTER THE VDD RISES TO 4.5V
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
BF CANNOT BE CHECKED BEFORE THIS
0
0
0
0
1
1
*
*
*
*
INSTRUCTION.
FUNCTION SET (INTERFACE IS 8 BITS
WAIT FOR MORE THAN 4.1ms
LONG)
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
BF CANNOT BE CHECKED BEFORE THIS
0
0
0
0
1
1
*
*
*
*
INSTRUCTION.
FUNCTION SET (INTERFACE IS 8 BITS
WAIT FOR MORE THAN 100 us
LONG)
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
BF CANNOT BE CHECKED BEFORE THIS
0
0
0
0
1
1
*
*
*
*
INSTRUCTION.
FUNCTION SET (INTERFACE IS 8 BITS
LONG)
BF CAN BE CHECKED AFTER THE
FOLLOWING INSTRUCTIONS. WHEN BF IS
NOT CHECKED, THE WAITING TIME
BETWEEN THE INSTRUCTIONS IS
LONGER THAN THE EXECUTION TIME OF
THE INSTRUCTION
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
END OF INITIALIZATION
0
0
0
0
1
1
N
F
*
*
FUNCTION SET (INTERFACE IS 8 BITS
0
0
0
0
0
0
1
0
0
0
LONG) SPECIFY THE NUMBER OF
0
0
0
0
0
0
0
0
0
1
DISPLAY LINES AND CHARACTER FONT)
0
0
0
0
0
0
0
1
I/D
S
THE NUMBER OF CHARACTER LINES AND
CHARACTER FONT CANNOT BE
CHANGED AFTER THIS POINT.
DISPLAY OFF
END OF INITIALIZATION
DISPLAY CLEAR
ENTRY MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com