Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E33-CTAF2 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # E33-CTAF2
Description  ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

E33-CTAF2 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  E33-CTAF2 Datasheet HTML 1Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 2Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 3Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 4Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 5Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 6Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 7Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 8Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 9Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.elma.com
05|21
1|9
E33
ENCODER
E33
DATASHEET
PRODUCT VARIETY
■
Vertical or horizontal mounting
■
THT or SMT reflow (vacuum pick & place)
■
Threaded or non-threaded bushing
■
Push button force 3, 6, 10, 14 N or without
push button
■
Detent | pulses per revolution (PPR)
32 / 16, 32 / 8, 16 / 16, 16 / 8
■
Switching torque 0.5, 1, 1.5, 2, 2.5, 3, 3.5
or 4.5 Ncm or no detent
■
Front panel sealing IP60 or IP68
■
Shaft mounted, separated or without shaft
■
Various standard shafts available
■
Tray or tape & reel packaging
POSSIBLE CUSTOMIZATIONS
■
Shaft dimension and shape
■
Stainless steel housing
■
Switching torque and push button actuation force
■
Indexing resolution and PPR
TYPICAL APPLICATIONS
■
Value and menu control for industrial PLCs
■
Avionics, measurement and test equipment
■
Frequency and channel selection for two way radios
■
User interface controls for medical devices
■
Volume and menu setting for transportation control
and entertainment systems
›
Standard resolution: 16 or 32 detents
›
With or without integrated push button
›
Rotational life: Up to 1 Million revolutions
›
Up to 4.5 Ncm switching torque
(remains consistent over lifetime)
›
Gold plated contacts
›
Robust metal housing with stainless steel or brass shaft
›
Body size: 11.5 x 12.3 x 4.9 mm
›
IP68 shaft and front panel sealing
›
Operating temperature range: -40 to +85 °C
›
Shaft electrically insulated > 500 VDC
(shaft to contact system)
›
Various options and customizations possible
HIGH PERFORMANCE
MAIN FEATURES
Product description
11/65/EU)
MIL-STD-202G
SWISS CLICK INDEXING SYSTEM™
(for more information see chapter «Technical explanations»)


Similar Part No. - E33-CTAF2

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
E33-00K CHERRY-E33-00K Datasheet
1Mb / 5P
8 Contact Ratings DC ratings optional
logo
Ferroxcube Internationa...
E33-3C90 FERROXCUBE-E33-3C90 Datasheet
45Kb / 3P
EI cores
logo
List of Unclassifed Man...
E33-SN010-M01T ETC-E33-SN010-M01T Datasheet
4Mb / 6P
INCREMENTAL ENCODER TYPE E33
E33-SN012-M01T ETC-E33-SN012-M01T Datasheet
4Mb / 6P
INCREMENTAL ENCODER TYPE E33
E33-SN030-M01T ETC-E33-SN030-M01T Datasheet
4Mb / 6P
INCREMENTAL ENCODER TYPE E33
More results

Similar Description - E33-CTAF2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
16-Key Encoder 20-Key Encoder
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
Fairchild Semiconductor
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
16-Key Encoder ??20-Key Encoder
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
16-Key Encoder 20-Key Encoder
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
ENCODER
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com