Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E33-CTAF2 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # E33-CTAF2
Description  ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

E33-CTAF2 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  E33-CTAF2 Datasheet HTML 1Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 2Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 3Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 4Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 5Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 6Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 7Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 8Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 9Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.elma.com
05|21
4|9
S
C
GND
Encoder
PB
E33
VCC
3x 10k (pull up)
3x 10k
Debounce circuit
3x 10nF
GND
74HC14
(Inverting Schmitt-trigger)
S
A
B
S
A
B
ENCODER
E33
DATASHEET
Circuit diagram
RECOMMENDED SYSTEM INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com