Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E33-CTAF2 Datasheet(PDF) 5 Page - Elma Electronic Ltd

Part # E33-CTAF2
Description  ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

E33-CTAF2 Datasheet(HTML) 5 Page - Elma Electronic Ltd

  E33-CTAF2 Datasheet HTML 1Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 2Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 3Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 4Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 5Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 6Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 7Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 8Page - Elma Electronic Ltd E33-CTAF2 Datasheet HTML 9Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.elma.com
05|21
5|9
E33
–
_
_
_
_
_
–
_
_
_
_
ENCODER
E33
DATASHEET
T Threaded M7 x 0.75 x 6 mm
(nut supplied, packed separately)
N Non-threaded Ø 7 x 6 mm
BUSHING
0
Without push button
3
3 N
6
6 N
A
10 N
E
14 N
PUSH BUTTON
Abmessungen in mm
Toleranzen nach DIN ISO 2768-1 (m), sofern nicht anders festgelegt
1
32 detent
(16 PPR)
2 Ncm
2
16 detent
(8 PPR)
1.5 Ncm
3
16 detent
(8 PPR)
2.5 Ncm
4
32 detent
(8 PPR)
2 Ncm
5
16 detent
(16 PPR)
1.5 Ncm
6
16 detent
(16 PPR)
2.5 Ncm
8
No detent
(16 PPR)
9
No detent
(8 PPR)
A
32 detent
(16 PPR)
0.5 Ncm
B
32 detent
(16 PPR)
1 Ncm
C
32 detent
(16 PPR)
1.5 Ncm
D
32 detent
(16 PPR)
3 Ncm
E
16 detent
(8 PPR)
0.5 Ncm
F
16 detent
(8 PPR)
3.5 Ncm
G
16 detent
(8 PPR)
4.5 Ncm
1
O-ring of IP65 / IP68 shaft sealing may slightly increase switching torque.
RESOLUTION | (RESOLUTION) | SWITCHING TORQUE1
T Tray (THT or SMT, 10 or 50 pieces, tray size
depending on shipping quantity)
R Tape & reel with vacuum plug (SMT and THT
vertical only, 200 pieces / reel, shafts
separated)
PACKAGING
For all available shaft types please see next page
SHAFT TYPE
M Mounted
S Separated (snap-in shaft mechanism)
N No shaft
SHAFT (DELIVERY CONDITION)
0 IP60
11 IP68 shaft sealing
21 IP68 shaft and front panel sealing
(non-threaded bushing gasket provides IP65,
O-ring and gasket is mounted)
1
O-ring of IP65 / IP68 shaft sealing may slightly increase switching torque
IP SEALING
V THT vertical
C THT horizontal
S SMT vertical
ORIENTATION | MOUNTING
E33
–
_
_
_
_
_
–
_
_
_
_
Ordering information
ORDERING CODE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com