Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7FOXK2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 14Page - STMicroelectronics ST7FOXK2 Datasheet HTML 15Page - STMicroelectronics ST7FOXK2 Datasheet HTML 16Page - STMicroelectronics ST7FOXK2 Datasheet HTML 17Page - STMicroelectronics ST7FOXK2 Datasheet HTML 18Page - STMicroelectronics ST7FOXK2 Datasheet HTML 19Page - STMicroelectronics ST7FOXK2 Datasheet HTML 20Page - STMicroelectronics ST7FOXK2 Datasheet HTML 21Page - STMicroelectronics ST7FOXK2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 226 page
background image
Pin description
ST7FOXF1, ST7FOXK1, ST7FOXK2
18/226
Figure 4.
20-pin SO and DIP package pinout
Legend / Abbreviations for Table 3: Type: I = input, O = output, S = supply
In/Output level:CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level: HS = 20mA high sink (on N-buffer only)
Port and control configuration:
Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog
Output: OD = open drain, PP = push-pull
Note:
The RESET configuration of each pin is shown in bold which is valid as long as the device is
in reset state.
30
2
PA0
(HS)(5)/OCMP1_A(2)
I/O
CT
HS
(5)
x
ei0
xx
Port A0 (HS)(5)/ Timer A
Output Compare 1
31
3
PA1 (HS)/ATIC
I/O
CT
HS
x
xx
Port A1
(HS)
ATIC
32
4
PA2 (HS)/ATPWM0
I/O
CT
HS
x
xx
Port A2
(HS)
ATPWM0
1.
In the open-drain output column, T defines a true open-drain I/O (P-Buffer and protection diode to VDD are not
implemented).
2.
Available on ST7FOXK2 only.
3.
It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA pins to ground.
4.
BREAK2 available on ST7FOXK2 only
5.
Available on ST7FOXK1 only.
Table 2.
Device pin description (32-pin packages) (continued)
Pin
number
Pin name
Level
Port/control
Main
function
(after
reset)
Alternate
function
Input
Output
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
(HS) 20mA high sink capability
eix
associated external interrupt vector
12
11
9
10
ei2
I2CDATA/PA6(HS)
PC4/LTIC
PC3/ICCCLK
PC2/ICCDATA
I2CCLK/PA7(HS)
RESET
VSS
PB0/AIN0
PB1/AIN1/CLKIN
PB2/AIN2
PB3/AIN3
PB4/AIN4
ATPWM1/PA3(HS)
ATPWM2/MCO/PA4(HS)
ATPWM3/PA5(HS)
ei1
ATIC/PA1(HS)
ATPWM0/PA2(HS)
VDD
PB5/AIN5
PC6
ei0
ei2
ei2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com