Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7FOXK2 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 15Page - STMicroelectronics ST7FOXK2 Datasheet HTML 16Page - STMicroelectronics ST7FOXK2 Datasheet HTML 17Page - STMicroelectronics ST7FOXK2 Datasheet HTML 18Page - STMicroelectronics ST7FOXK2 Datasheet HTML 19Page - STMicroelectronics ST7FOXK2 Datasheet HTML 20Page - STMicroelectronics ST7FOXK2 Datasheet HTML 21Page - STMicroelectronics ST7FOXK2 Datasheet HTML 22Page - STMicroelectronics ST7FOXK2 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Pin description
19/226
Table 3.
Device pin description (20-pin package)
Pin
Number
Pin Name
Level
Port / Control
Main
function
(after reset)
Alternate
function
Input
Output (1)
1
PC6
I/O
CT
x
ei2
x
x
Port C6
2
PA1 (HS)/ATIC
I/O
CT
HS
x
ei0
x
x
Port A1 (HS)
ATIC
3
PA2 (HS)/ATPWM0
I/O
CT
HS
x
x
x
Port A2 (HS)
ATPWM0
4
PA3 (HS)/ATPWM1
I/O
CT
HS
x
x
x
Port A3 (HS)
ATPWM1
5
PA4
(HS)ATPWM2/MCO
I/O
CT
HS
x
x
x
Port A4 (HS)
ATPWM2/MCO
6
PA5 (HS)ATPWM3
I/O
CT
HS
x
x
x
Port A5 (HS)
ATPWM3
7
PA6 (HS)/I2CDATA
I/O
CT
HS
x
T
Port A6 (HS)
I2CDATA
8
PA7 (HS)/ I2CCLK
I/O
CT
HS
x
T
Port A7 (HS)
I2CCLK
9
RESET
x
x
Reset
10
VSS
(3)
S
Digital Ground Voltage
11
VDD
(2)
S
Digital Supply Voltage
12
PB0/AIN0
I/O
CT
x
ei1
x
x
x
Port B0
AIN0
13
PB1/AIN1/CLKIN
I/O
CT
xx
x
x
Port B1
AIN1/External
clock source
14
PB2/AIN2
I/O
CT
x
x
x
x
Port B2
AIN2
15
PB3/AIN3
I/O
CT
x
x
x
x
Port B3
AIN3
16
PB4/AIN4
I/O
CT
x
x
x
x
Port B4
AIN4
17
PB5/AIN5
I/O
CT
x
x
x
x
Port B5
AIN5
18
PC2/ICCDATA
I/O
CT
x
ei2
x
x
Port C2
ICCDATA
19
PC3/ICCCLK
I/O
CT
x
x
x
Port C3
ICCCLK
20
PC4/LTIC
I/O
CT
x
ei2
x
x
Port C4
LTIC
1.
In the open-drain output column, T defines a true open-drain I/O (P-Buffer and protection diode to VDD not implemented).
2.
It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA pins to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com