Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7FOXK2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 18Page - STMicroelectronics ST7FOXK2 Datasheet HTML 19Page - STMicroelectronics ST7FOXK2 Datasheet HTML 20Page - STMicroelectronics ST7FOXK2 Datasheet HTML 21Page - STMicroelectronics ST7FOXK2 Datasheet HTML 22Page - STMicroelectronics ST7FOXK2 Datasheet HTML 23Page - STMicroelectronics ST7FOXK2 Datasheet HTML 24Page - STMicroelectronics ST7FOXK2 Datasheet HTML 25Page - STMicroelectronics ST7FOXK2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 226 page
background image
Register and memory mapping
ST7FOXF1, ST7FOXK1, ST7FOXK2
22/226
002Dh
002Eh
002Fh
0030h
0031h
ITC
ISPR0
ISPR1
ISPR2
ISPR3
EICR
Interrupt Software Priority register 0
Interrupt Software Priority register 1
Interrupt Software Priority register 2
Interrupt Software Priority register 3
External Interrupt Control register
FFh
FFh
FFh
FFh
00h
R/W
R/W
R/W
R/W
R/W
0032h
Reserved area (1 byte)
0033h
WDG
WDGCR
Watchdog Control register
7Fh
R/W
0034h
FLASH
FCSR
Flash Control/Status register
00h
R/W
0035h
RC
Calibration
RCC_CSR
RC calibration Control/Status register
00h
R/W
0036h
0037h
0038h
ADC
ADCCSR
ADCDRH
ADCDRL
A/D Control Status register
A/D Data register High
A/D Data Low / test register
00h
xxh
0xh
R/W
Read Only
R/W
0039h
Reserved area (1 byte)
003Ah
MCC
MCCSR
Main Clock Control/Status register
00h
R/W
003Bh
003Ch
003Dh
Clock and
Reset
RCCRH
RCCRL
PSCR
RC oscillator Control register High
RC oscillator Control register Low
Prescaler register
FFh
011x 0x00b
00h or 03h(2)
R/W
R/W
R/W
003Eh to
0047h
Reserved area (10 bytes)
0048h
0049h
AWU
AWUCSR
AWUPR
AWU Control/Status register
AWU Preload register
FFh
00h
R/W
R/W
004Ah
004Bh
004Ch
004Dh
004Eh
004Fh
0050h
DM(3)
DMCR
DMSR
DMBK1H
DMBK1L
DMBK2H
DMBK2L
DMCR2
DM Control register
DM Status register
DM Breakpoint register 1 High
DM Breakpoint register 1 Low
DM Breakpoint register 2 High
DM Breakpoint register 2 Low
DM Control register 2
00h
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0051h
Clock
Controller
CKCNTCSR
Clock Controller Status register
09h
R/W
0052h to
0054h
Reserved area (3 bytes)
Table 4.
Hardware register map(1) (continued)
Address
Block
Register label
Register name
Reset status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com