Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8313E Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1
62
Freescale Semiconductor
Package and Pin Listings
PCI_AD[12]
AB17
IO
NVDD
—
PCI_AD[13]
AE18
IO
NVDD
—
PCI_AD[14]
AD17
IO
NVDD
—
PCI_AD[15]
AF19
IO
NVDD
—
PCI_AD[16]
AB14
IO
NVDD
—
PCI_AD[17]
AF15
IO
NVDD
—
PCI_AD[18]
AD14
IO
NVDD
—
PCI_AD[19]
AE14
IO
NVDD
—
PCI_AD[20]
AF12
IO
NVDD
—
PCI_AD[21]
AE11
IO
NVDD
—
PCI_AD[22]
AD12
IO
NVDD
—
PCI_AD[23]
AB13
IO
NVDD
—
PCI_AD[24]
AF9
IO
NVDD
—
PCI_AD[25]
AD11
IO
NVDD
—
PCI_AD[26]
AE10
IO
NVDD
—
PCI_AD[27]
AB12
IO
NVDD
—
PCI_AD[28]
AD10
IO
NVDD
—
PCI_AD[29]
AC10
IO
NVDD
—
PCI_AD[30]
AF10
IO
NVDD
—
PCI_AD[31]
AF8
IO
NVDD
—
PCI_C/BE[0]
AC19
IO
NVDD
—
PCI_C/BE[1]
AB15
IO
NVDD
—
PCI_C/BE[2]
AF14
IO
NVDD
—
PCI_C/BE[3]
AF11
IO
NVDD
—
PCI_PAR
AD16
IO
NVDD
—
PCI_FRAME
AF16
IO
NVDD
5
PCI_TRDY
AD13
IO
NVDD
5
PCI_IRDY
AC15
IO
NVDD
5
PCI_STOP
AF13
IO
NVDD
5
PCI_DEVSEL
AC14
IO
NVDD
5
PCI_IDSEL
AF20
I
NVDD
—
PCI_SERR
AE15
IO
NVDD
5
PCI_PERR
AD15
IO
NVDD
5
PCI_REQ0
AB10
IO
NVDD
—
Table 60. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com