Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN232 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN232
Description  Low Frequency Magnetic Transmitter Design
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN232 Datasheet(HTML) 3 Page - Microchip Technology

  AN232 Datasheet HTML 1Page - Microchip Technology AN232 Datasheet HTML 2Page - Microchip Technology AN232 Datasheet HTML 3Page - Microchip Technology AN232 Datasheet HTML 4Page - Microchip Technology AN232 Datasheet HTML 5Page - Microchip Technology AN232 Datasheet HTML 6Page - Microchip Technology AN232 Datasheet HTML 7Page - Microchip Technology AN232 Datasheet HTML 8Page - Microchip Technology AN232 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2002 Microchip Technology Inc.
DS00232A-page 3
AN232
EQUATION 2:
FIGURE 2:
CALCULATING
MAGNETIC FIELD
STRENGTH
The field strength is therefore proportional to the:
• Number of turns (N)
• Current (I)
• Area of the loop (a2)
As one moves away from the source with r>>a the sim-
plified equation again shows the characteristic 1/r3
attenuation. For practical reasons, the designer may
prefer to use the voltage of the inductor (VL) to calculate
the field strength using Equation 3.
EQUATION 3:
From Equation 3 with a given coil voltage at some dis-
tance from the coil, one now finds that B is inversely
proportional to N. This is due to the fact that the current
increases at the rate of 1/N2 with a given coil voltage.
Only the case of an air-coiled inductor has been
described, but one can use a ferrite-cored inductor as
well. Adding a core has the effect of increasing the
effective surface area, enabling one to reduce the
physical size of the coil.
Serial Resonance
A typical serial resonant tank circuit is shown in
Figure 3.
FIGURE 3:
SERIAL RESONANT TANK
CIRCUIT
The formulas for calculating serial resonant tank values
are shown in Equation 4.
EQUATION 4:
Note that R represents all losses such as resistive,
magnetic, etc. A short description of each equation
given above is as follows:
(a) Used to calculate the resonant frequency of the
tank.
(b) Gives the maximum serial current as a function of
applied voltage (note this is not the same as inductor or
capacitor current) and effective serial resistance.
(c) Shows that the inductor and capacitor voltage is
equal to Q times the source voltage at resonance.
(d) Shows all the various ways to calculate the Quality
Factor (Q) of the tank circuit.
(e) Used to calculate the 3 dB bandwidth.
Figure 4 shows the frequency response curve for a
typical serial resonant tank circuit.
B
p
ω
oINa
2
2 a
2
r
2
+
()
32
⁄
--------------------------------
ω
oINa
2
2r
3
------------------- Weber
() m
⁄
[]
≈
=
where
ωο = frequency in [Rad/S]
I = Current [A]
N = Number of turns
a = radius of coil [m]
r = distance from coil [m]
P
Z
X
Y
r
a
coil
current
flow
Note:
For r >> a, the field strength falls of with
1/r3.
B
V
La
2
ω
oπN
-----------------
1
r
3
----


≈
with L
≈ N2µοπa
for r>>a
L
C
R
+
-
VS
IS
L
R
CR
R
L
Q
Vs
Q
V
V
R
Vs
I
LC
F
C
L
/
1
/
1
2
1
2
0
0
0
max
max
max
0
0
=
−
=
=
=
=
⋅
=
=
=
=
=
⋅
ω
ω
β
ω
ω
β
ω
ω
π
(a)
(b)
(c)
(d)
(e)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com