Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN232 Datasheet(PDF) 8 Page - Microchip Technology

Part # AN232
Description  Low Frequency Magnetic Transmitter Design
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN232 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AN232 Datasheet HTML 4Page - Microchip Technology AN232 Datasheet HTML 5Page - Microchip Technology AN232 Datasheet HTML 6Page - Microchip Technology AN232 Datasheet HTML 7Page - Microchip Technology AN232 Datasheet HTML 8Page - Microchip Technology AN232 Datasheet HTML 9Page - Microchip Technology AN232 Datasheet HTML 10Page - Microchip Technology AN232 Datasheet HTML 11Page - Microchip Technology AN232 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AN232
DS00232A-page 8
 2002 Microchip Technology Inc.
BASE STATION CIRCUIT
DESCRIPTION
The drive circuitry (see Appendix A) consists of
TC4422 (U2) and TC4421 (U3). U3 is an inverting FET
driver and U2 is a non-inverting FET driver. U3 is the
main 1/2 bridge drive device and U2 is only used during
start-up as explained previously. During the first 5
cycles of start-up, both U2 and U3 work in tandem as a
full bridge drive circuit. In full bridge mode, U2 and U3
are driven from the PWM output via RB3. At this time,
RB4 is defined as an input and thus has no influence
on the input signal to U2.
The driver is converted to a 1/2 bridge made after the 5
start-up cycles by driving point A to ground. This is
done by changing RB4 from an input to a low level (i.e.,
zero) output. This has no influence on the signal to U3,
but it grounds U2. One can remove U2 and physically
ground point A if a fast turn-on is not required. Remov-
ing U2 also increases the efficiency and output voltage
slightly.
Turn-On Timing
Figure 11 shows the proper turn-on sequence refer-
enced from the PWM output cycles.
Turn-Off Clamp
The turn-off clamp is realized by discharging the reso-
nant tank through R1, R2 and a 600 V rated triac Q1.
Q1 is a Q6x3 surface mound triac from Teccor Elec-
tronics. The high tank voltages necessitate the need for
two small serial resistors. Alternatively, one can use a
single high-voltage resistor. A single PNP transistor T1
forms a gated drive circuit and is activated by driving
RB7 low. Refer to the previous section for timing
requirements. The clamp circuit ensures that no
residual energy is left in the tank, thus simplifying
receiver design (this is not needed for LFTE’s of 400
µs
or more).
Power Supply
The circuit consumes roughly 0.5 A
RMS when transmit-
ting continuously in 1/2 bridge mode. It consumes
approximately double that amount of current during the
40
µs start-up. The average transmitting power con-
sumption is 0.25 A
RMS
for Manchester encoding.
Instantaneous peak current is about 1.2 A. The overall
current consumption when transmitting data continu-
ously is roughly 3 Watts, but adequate tank capaci-
tance is needed to supply the relatively high peak
current and reduce supply ripple. C4 is the main
smoothing capacitor. A Panasonic FC series 25V
560
µF is used because of its 1.2 A ripple current
specification. C2 and C3 are local DC coupling capaci-
tors for U2 and U3, and are 20V 0.68
µF tantilum
capacitors.
Communications
Serial communications is performed via the UART on
the PIC16F628, and the voltage translation is done with
a MAX232. Flow control using CTS and RTS is imple-
mented on RB6 and RB5 respectively.
CONCLUSION
The choice of a PIC16F628 with a PWM lends itself
towards an effective design of a low frequency mag-
netic transmitter circuit. In addition, the TC4421/
TC4422’s are well suited as FET driver for this type of
application. The main advantages of using low fre-
quency magnetic transmitter design are:
• Good field penetration
• Precise range control
• Low power consumption
• Overall low cost
FIGURE 11:
TURN-ON TIMING
0
1
2
3
4
567
PWM (RB3)
TRISB.4
A
B
Full Bridge Start-Up
Half Bridge Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com