Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN232 Datasheet(PDF) 6 Page - Microchip Technology

Part # AN232
Description  Low Frequency Magnetic Transmitter Design
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN232 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AN232 Datasheet HTML 2Page - Microchip Technology AN232 Datasheet HTML 3Page - Microchip Technology AN232 Datasheet HTML 4Page - Microchip Technology AN232 Datasheet HTML 5Page - Microchip Technology AN232 Datasheet HTML 6Page - Microchip Technology AN232 Datasheet HTML 7Page - Microchip Technology AN232 Datasheet HTML 8Page - Microchip Technology AN232 Datasheet HTML 9Page - Microchip Technology AN232 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AN232
DS00232A-page 6
 2002 Microchip Technology Inc.
DRIVE CIRCUITRY
One of the most efficient methods to drive the resonant
tank is a class - D drive circuit in either a full or half
bridge mode. Figure 7 shows a typical 1/2 bridge imple-
mentation. One gets very good results with a 1/2
bridge, and it has the advantage of being low cost and
it is easy to implement.
The use of a serial resonant tank circuit becomes
clearer in this section. A high Q serial resonant circuit
has its lowest impedance at resonance. The current
passing through the antenna coil shown in Figure 7
consists mostly of the fundamental current component,
although the drive circuit uses square wave excitation
that has very high harmonic content.
FIGURE 7:
SQUARE WAVE
EXCITATION
A very economical and straightforward drive circuit can
be realized with the circuit shown in Figure 8.
FIGURE 8:
SIMPLIFIED DRIVE
CIRCUIT
Microchip’s high-current MOSFET drivers (such as
TC4421/TC4422) are very suitable for this application.
The device takes care of all the necessary level trans-
lations and deadband control, resulting in a very effi-
cient and fast output, thereby reducing cost and losses.
These devices have the added advantage that they can
be directly driven from logic levels.
Be sure to use high quality capacitors with low toler-
ances (see ‘Calculating the Bandwidth and Q’ section
on tolerances). A good choice is Panasonic polypropy-
lene film capacitors - ECQO(
µ) series, rated at either
400V or 600V as they reduce losses and are relatively
stable over temperature variations.
The circuit shown in Figure 7 gives 135 VRMS out
across the inductor and capacitor. It consumes
0.5 A
RMS at 12V with a constant output. This means that
the average current consumption is typically 0.25 A
RMS
for Manchester encoding.
The drive signal can be generated directly by the PWM
unit on most PICmicro® microcontrollers such as a
PIC16F627 microcontroller. For a device operating at
20 MHz, one can obtain a 125 kHz signal by setting the
Timer2 prescaler to 1. A period of 8
µs is then obtained
by setting the PR2 register to 39. To get a 50% duty
cycle output, set CCPR1L to 14 and CCP1CON<5:4>
to <0:0>. These settings will ensure a constant carrier.
To modulate the data, one can turn the drive signal on
and off by setting and clearing the CCP1RIL bit.
There are various transmission formats that can be
used to transfer data, but keep the rise and fall times of
the resonant tank in mind. The response for the circuit
in Figure 8 is shown in Figure 5. The drive circuit was
modulated on and off at 400
µs intervals.
Towards a Faster Response
The rise and fall times are limiting factors to shortening
LFTE from a field generation perspective. In order to
increase the baud rate, one needs to accelerate the
turn-on and/or turn-off response. Figure 9 shows a
modification of the basic circuit in Figure 7 to accom-
plish both a faster turn-on and turn-off time.
The basic bridge drive circuit shown earlier took about
130
µs to reach 90% of full-scale value. The start-up
time can be decreased by starting the tank in full bridge
mode, then maintaining resonance in 1/2 bridge mode,
once full scale is reached.
This concept can be implemented (see Figure 9) by
using two FET drivers as the two halves of the full
bridge converter. The tank is started up by driving the
two 1/2 bridge drivers 180
° out of phase. This effec-
tively doubles the applied source voltage. As soon as
the full-scale amplitude is reached, the other 1/2 bridge
driver is grounded. A circuit based on two TC442X FET
drivers takes about 40
µs to reach full-scale. That is a
significant speed increase compared to the 120
µs to
reach 90% of full-scale for the standard
1/2 bridge system. Herein lies a warning: if the reso-
nant capacitor voltage rating is not at least double the
1/2 bridge full-scale voltage swing, then care should be
taken to ensure that 1/2 bridge mode is engaged before
the output voltage swing becomes too large. A good
safety backup is to engage the 1/2 bridge after 6 full
bridge cycles, irrespective of the output voltage.
V+
+
-
VL
Vs
Vs =
VL =
VPP = 300V
Q = 25
12V
+12V
TC4422
PWM
5V
10
µF
400 VDC
L = 160
µH
a = 25 mm
wire = 26 AWG
N = 41
drive
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com