Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3240 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST6G3240 Datasheet HTML 5Page - STMicroelectronics ST6G3240 Datasheet HTML 6Page - STMicroelectronics ST6G3240 Datasheet HTML 7Page - STMicroelectronics ST6G3240 Datasheet HTML 8Page - STMicroelectronics ST6G3240 Datasheet HTML 9Page - STMicroelectronics ST6G3240 Datasheet HTML 10Page - STMicroelectronics ST6G3240 Datasheet HTML 11Page - STMicroelectronics ST6G3240 Datasheet HTML 12Page - STMicroelectronics ST6G3240 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ST6G3240
Maximum rating
9/29
4
Maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 6.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCCA
Supply voltage
-0.5 to 4.6
V
VCCB1
Supply voltage
-0.5 to 4.6
V
VCCB2
Supply voltage
-0.5 to 4.6
V
VI
DC input voltage
-0.5 to 4.6
V
VI/OA
DC I/O voltage (output disabled)
-0.5 to 4.6
V
VI/OBn
DC I/O voltage (output disabled)
-0.5 to 4.6
V
VOA
DC output voltage
-0.5 to VCCA +0.5
V
VOBn
DC output voltage
-0.5 to VCCBn +0.5
V
IIK
DC input diode current
- 20
mA
IOK
DC output diode current
- 50
mA
IOA
DC output current
± 50
mA
IOBn
DC output current
± 50
mA
ICCA
DC VCCA or ground current
± 100
mA
ICCBn
DC VCCBn or ground current
± 100
mA
PD
Power dissipation at TA =70ºC
(1)
1.
Derate above 70ºC by 18.5 mW/C
400
mW
Tstg
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 sec)
260
°C
Table 7.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCCA
Supply voltage
1.4 to 3.6
V
VCCB1
Supply voltage
1.4 to 3.6
V
VCCB2
Supply voltage
1.4 to 3.6
V
VI
Input voltage
(/IN1, /IN2, CMD-dir, DAT0-dir, DAT123-dir)
0 to VCCA
V
VI/OA
I/O voltage
0 to VCCA
V
VI/OBn
I/O voltage
0 to VCCBn
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com