Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3240 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 1 Page - STMicroelectronics

  ST6G3240 Datasheet HTML 1Page - STMicroelectronics ST6G3240 Datasheet HTML 2Page - STMicroelectronics ST6G3240 Datasheet HTML 3Page - STMicroelectronics ST6G3240 Datasheet HTML 4Page - STMicroelectronics ST6G3240 Datasheet HTML 5Page - STMicroelectronics ST6G3240 Datasheet HTML 6Page - STMicroelectronics ST6G3240 Datasheet HTML 7Page - STMicroelectronics ST6G3240 Datasheet HTML 8Page - STMicroelectronics ST6G3240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
April 2008
Rev 2
1/29
29
ST6G3240
Dual supply level translator for dual memory cards
(mini SD/micro SD + managed NAND)
Features
High speed: tPD (A to B) = 5 ns at TA = 85 °C
with VCCA = 1.8 V, VCCBn = 3.0 V
Low power dissipation: ICCA = ICCBn = 5 µA
(max.) at TA =85 °C
Balanced propagation delays: tPLH tPHL
Operating voltage range:
–VCCA (opr) = 1.4 to 3.6 V
–VCCBn (opr) = 1.4 to 3.6 V
B-side power supplies (VCCB1 and VCCB2) can
be different and separately controlled
Interchangeable voltage levels:
VCCA can either be greater than or less than
VCCBn
Low power mode:
when VCCBn is grounded or floating, there is
very low quiescent current on VCCA
Power down detection:
when either one of the B-side power supplies
(VCCB1 and VCCB2) is grounded or floating, the
corresponding port-n goes into high-Z state
automatically
Latch-up performance exceeds 500 mA
(JESD17)
ESD protection: 2 kV HBM
Integrated pull-up resistor and level translator
on the MS_Insert pin
Integrated pull-up resistor for card-detect pin
Description
The ST6G3240 is a dual supply low voltage
CMOS level translator supporting the dual
function of mini SD/micro SD card and managed
NAND memories. It is designed for use as an
interface between three systems using 3.3, 2.5
and 1.8 V respectively.
The ST6G3240 is capable of achieving high
speed operation and at the same time maintaining
low power dissipation.
While the A port is designed to track VCCA, the Bn
port (nCMD, nDAT, nCLK) is designed to track
VCCBn.
The device is intended for a two-way
asynchronous communication between data
buses.
μTFBGA 36
Table 1.
Device summary
Order code
Package
Packing
ST6G3240TBR
μTFBGA36 (3.6 x 3.6 mm)
Tape and reel
www.st.com


Similar Part No. - ST6G3240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
November 2011 Rev 2
ST6G3244MEBJR STMICROELECTRONICS-ST6G3244MEBJR Datasheet
662Kb / 27P
Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
November 2011 Rev 2
More results

Similar Description - ST6G3240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3237 STMICROELECTRONICS-ST6G3237 Datasheet
214Kb / 17P
Dual supply level translator for SD/ MINISD / T-FLASH
18-Jan-2007
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
Dual supply level translator for SD/ MINISD / T-FLASH
14-Jun-2007
logo
Toshiba Semiconductor
T3GE9WBG TOSHIBA-T3GE9WBG Datasheet
302Kb / 11P
Dual Supply Bus Transceiver for SD Card
T3GF3WBG TOSHIBA-T3GF3WBG Datasheet
255Kb / 13P
Dual-Supply Bus Transceiver for SD Memory Card
logo
STMicroelectronics
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
November 2011 Rev 2
logo
Apacer Technology Inc.
SD-R1-M APACER-SD-R1-M Datasheet
792Kb / 5P
SD memory cards
SD-R1 APACER-SD-R1 Datasheet
915Kb / 3P
SD memory cards
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com