Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3240 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 3 Page - STMicroelectronics

  ST6G3240 Datasheet HTML 1Page - STMicroelectronics ST6G3240 Datasheet HTML 2Page - STMicroelectronics ST6G3240 Datasheet HTML 3Page - STMicroelectronics ST6G3240 Datasheet HTML 4Page - STMicroelectronics ST6G3240 Datasheet HTML 5Page - STMicroelectronics ST6G3240 Datasheet HTML 6Page - STMicroelectronics ST6G3240 Datasheet HTML 7Page - STMicroelectronics ST6G3240 Datasheet HTML 8Page - STMicroelectronics ST6G3240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ST6G3240
ST6G3240 general description
3/29
1
ST6G3240 general description
The ST6G3240 is a dual supply low voltage CMOS level translator supporting the dual
function of mini SD/micro SD card and managed NAND memories. It is designed for use as
an interface between three systems using 3.3, 2.5 and 1.8 V respectively.
The ST6G3240 is capable of achieving high speed operation and at the same time
maintaining low power dissipation.
While the A port is designed to track VCCA, the Bn port (nCMD, nDAT, nCLK) is designed to
track VCCBn.
The device is intended for a two-way asynchronous communication between data buses.
The direction of data transmission is determined by CMD-dir/DATA0-dir/DAT123-dir inputs.
In the typical application the Bn-port interfaces with the 3 V bus and the A-port with the 1.8V
bus.
With interchangeable voltage levels, there is no restriction on the voltage settings for each
supply. VCCA can be less than or greater than VCCB1 or VCCB2. For example, VCCA = 2.5 V,
VCCB1 = 3.6 V, VCCB2 = 1.8 V.
Full low power mode
This device can be entered into 'full lower power mode' by setting all the INn pins to low or
high, which will disable the device completely.
Partial low power mode
Alternatively, the device can be set into 'partial low power mode' by grounding or floating one
of the VCCBn power supplies. This will set all the corresponding output Port-n to High-Z.
However, it is important to note that VCCA power supply must not be grounded or floating
whenever VCCBn is connected to a power supply as this will lead to significant current
consumption increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com